Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0521510910 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0521510910
Description  2.00mm (.079") Pitch Wire Trap, Pull-Cover Style, Right Angle, 9 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0521510910 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0521510910 Datasheet HTML 1Page - Molex Electronics Ltd. 0521510910 Datasheet HTML 2Page - Molex Electronics Ltd. 0521510910 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0521510910
Status:
Active
Description:
2.00mm (.079") Pitch Wire Trap, Pull-Cover Style, Right Angle, 9 Circuits
Documents:
3D Model
Product Specification PS-52147-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
52151
Comments
Pull-Cover
Component Type
One Piece
Glow-Wire Compliant
No
Product Name
Board-In, Wire Trap
Physical
Circuits (Loaded)
9
Entry Angle
90° Angle
Flammability
94V-0
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
1
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
36
Plating min: Mating (µm)
0.90
Plating min: Termination (µin)
36
Plating min: Termination (µm)
0.90
Polarized to Mating Part
N/A
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole - Kinked Pin
Wire Insulation Diameter
1.60mm (.063") max.
Wire Size AWG
26
Wire/Cable Type
Ribbon Cable
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
150V
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52151Series
Mates With
N/A
Use With
Topcoated ribbon cable


Similar Part No. - 0521510910

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0521510210 MOLEX7-0521510210 Datasheet
125Kb / 3P
   2.00mm (.079") Pitch Wire Trap, Pull-Cover Style, Right Angle, 2 Circuits
0521510310 MOLEX7-0521510310 Datasheet
125Kb / 3P
   2.00mm (.079") Pitch Wire Trap, Pull-Cover Style, Right Angle, 3 Circuits
0521510410 MOLEX7-0521510410 Datasheet
125Kb / 3P
   2.00mm (.079") Pitch Wire Trap, Pull-Cover Style, Right Angle, 4 Circuits
0521510510 MOLEX7-0521510510 Datasheet
125Kb / 3P
   2.00mm (.079") Pitch Wire Trap, Pull-Cover Style, Right Angle, 5 Circuits
0521510610 MOLEX7-0521510610 Datasheet
125Kb / 3P
   2.00mm (.079") Pitch Wire Trap, Pull-Cover Style, Right Angle, 6 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com