Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51164-0305 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51164-0305
Description  2.50mm (.098") Wire-to-Board Retainer, 3 circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

51164-0305 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51164-0305 Datasheet HTML 1Page - Molex Electronics Ltd. 51164-0305 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0511640305
Status:
Active
Description:
2.50mm (.098") Wire-to-Board Retainer, 3 circuits
Documents:
3D Model
Product Specification PS-51163-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51163-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Accessories
Series
51164
Component Type
Retainer
Product Name
N/A
Physical
Circuits (Loaded)
3
Color - Resin
Gray
Flammability
94V-0
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Material Info
Reference - Drawing Numbers
Product Specification
PS-51163-001, PS-51163-002, RPS-51103-047,
RPS-51163-001, RPS-51163-002, RPS-51163-003
Sales Drawing
SD-51164-**05
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51164Series
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 51164-0305

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51164-0205 MOLEX7-51164-0205 Datasheet
101Kb / 2P
   2.50mm (.098") Wire-to-Board Retainer, 2 circuits
51164-0405 MOLEX7-51164-0405 Datasheet
101Kb / 2P
   2.50mm (.098") Wire-to-Board Retainer, 4 circuits
51164-0505 MOLEX7-51164-0505 Datasheet
101Kb / 2P
   2.50mm (.098") Wire-to-Board Retainer, 5 circuits
51164-0605 MOLEX7-51164-0605 Datasheet
101Kb / 2P
   2.50mm (.098") Wire-to-Board Retainer, 6 circuits
51164-0705 MOLEX7-51164-0705 Datasheet
101Kb / 2P
   2.50mm (.098") Wire-to-Board Retainer, 7 circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com