Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53325-1360 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 53325-1360
Description  2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right Angle,Lead-free, 13 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53325-1360 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  53325-1360 Datasheet HTML 1Page - Molex Electronics Ltd. 53325-1360 Datasheet HTML 2Page - Molex Electronics Ltd. 53325-1360 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0533251360
Status:
Active
Description:
2.00mm (.079") Pitch Mi ll™ System Wire-to-Board Header, Single Row, Right Angle,
Lead-free, 13 Circuits
Documents:
3D Model
Product Specification PS-52484-021 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51090-016 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
53325
Application
Wire-to-Board
Product Name
Mi II™
Physical
Breakaway
No
Circuits (Loaded)
13
Circuits (maximum)
13
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
53325Series
Mates With
52484 Wire-to-Board IDT Recpetacle.,
51090 Crimp Terminal


Similar Part No. - 53325-1360

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53325-1060 MOLEX7-53325-1060 Datasheet
129Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right Angle,Lead-free, 10 Circuits
53325-1160 MOLEX7-53325-1160 Datasheet
129Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right Angle,Lead-free, 11 Circuits
53325-1260 MOLEX7-53325-1260 Datasheet
129Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right AngleLead-free, 12 Circuits
53325-1460 MOLEX7-53325-1460 Datasheet
129Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right Angle, Lead-free, 14 Circuits
53325-1560 MOLEX7-53325-1560 Datasheet
129Kb / 3P
   2.00mm (.079") Pitch Mi ll??System Wire-to-Board Header, Single Row, Right AngleLead-free, 15 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com