Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-48325-003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-48325-003
Description  1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse Type, Through Hole
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-48325-003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-48325-003 Datasheet HTML 1Page - Molex Electronics Ltd. SD-48325-003 Datasheet HTML 2Page - Molex Electronics Ltd. SD-48325-003 Datasheet HTML 3Page - Molex Electronics Ltd. SD-48325-003 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0483251104
Status:
Active
Overview:
Slimline Serial ATA ODD Connectors
Description:
1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle,
Reverse Type, Through Hole, 0.76µm (30µ") Gold (Au), with Screw and Clip, Lead free
Documents:
3D Model
Product Specification PS-48321-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
48325
Application
Board-to-Board
Comments
Screw and Clip version
Overview
Slimline Serial ATA ODD Connectors
Product Name
Serial ATA, Slimline Serial ATA
Physical
Circuits (Loaded)
13
Circuits (maximum)
13
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
No
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.047 In
PCB Thickness Recommended (mm)
1.20 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.039 In, 0.050 In
Pitch - Mating Interface (mm)
1.00 mm, 1.27 mm
Pitch - Term. Interface (in)
0.039 In, 0.050 In
Pitch - Term. Interface (mm)
1.00 mm, 1.27 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Robotic Placement
Pick and Place Cap
Stackable
No
Surface Mount Compatible (SMC)
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
48325Series
Mates With
473001xxx Slimline Serial ATA Plugs


Similar Part No. - SD-48325-003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-48325-003 MOLEX6-SD-48325-003 Datasheet
177Kb / 4P
   1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle, Reverse Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com