Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-49504-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-49504-001
Description  PT Bulb Socket Single Housing Assembly, Type A, White
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-49504-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-49504-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-49504-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0495040206
Status:
Active
Description:
PT Bulb Socket Single Housing Assembly, Type A, White
Documents:
3D Model
Product Specification PS-49504-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Other Sockets
Series
49504
Comments
A-Type
Component Type
Socket
Product Name
Bulb Socket
Physical
Circuits (Loaded)
2
Circuits (maximum)
2
Color - Resin
White
Durability (mating cycles max)
30
Entry Angle
Vertical (Top Entry)
Keying to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Resin
Nylon
PCB Locator
No
PCB Retention
N/A
Packaging Type
Bag
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Pitch - Term. Interface (in)
0.000 In
Pitch - Term. Interface (mm)
0.00 mm
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
12V
Material Info
Reference - Drawing Numbers
Product Specification
PS-49504-001
Sales Drawing
SD-49504-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
49504Series
Mates With
Lamp
Use With
35438-8000 , 35439-8000
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-49504-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-49517-001 MOLEX6-SD-49517-001 Datasheet
135Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Female Housing
SD-49517-001 MOLEX6-SD-49517-001 Datasheet
135Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Female Housing, 8 Circuits, Natural
SD-49517-001 MOLEX6-SD-49517-001 Datasheet
135Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Female Housing, 15 Circuits, Natural
SD-49518-001 MOLEX6-SD-49518-001 Datasheet
108Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Retainer, 10 Circuits, UL94V-2, Red
SD-49518-001 MOLEX6-SD-49518-001 Datasheet
108Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Retainer, 12 Circuits, UL94V-2, Red
More results

Similar Description - SD-49504-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0358431206 MOLEX5-0358431206 Datasheet
155Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type A, White
0355330206 MOLEX5-0355330206 Datasheet
143Kb / 2P
   PT Bulb Socket Single Housing Assembly, Type A, Unsealed, White
0495100206 MOLEX6-0495100206 Datasheet
122Kb / 2P
   PT Bulb Socket, Single Housing Assembly, Type B, White
0358421306 MOLEX5-0358421306 Datasheet
158Kb / 2P
   PT Bulb Socket, Sealed, Double Housing Assembly, Type A, White
0358431236 MOLEX5-0358431236 Datasheet
156Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type EC, White
0358431226 MOLEX5-0358431226 Datasheet
151Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type C, White
0358431246 MOLEX5-0358431246 Datasheet
155Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type D, White
0355330226 MOLEX5-0355330226 Datasheet
150Kb / 2P
   PT Bulb Socket Single Housing Assembly, Type C, Unsealed, White
0355330216 MOLEX5-0355330216 Datasheet
150Kb / 2P
   PT Bulb Socket Single Housing Assembly, Type B, Unsealed, White
0358431216 MOLEX5-0358431216 Datasheet
150Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type B, White
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com