Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

46537-1200 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 46537-1200
Description  1.20mm (.047") x 2.00mm (.079") Pitch HD Mezz Receptacle, 104 Circuits, 20.00mm (.787") Unmated Height
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

46537-1200 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  46537-1200 Datasheet HTML 1Page - Molex Electronics Ltd. 46537-1200 Datasheet HTML 2Page - Molex Electronics Ltd. 46537-1200 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0465371200
Status:
Active
Description:
1.20mm (.047") x 2.00mm (.079") Pitch HD Mezz™ Receptacle, 104 Circuits, 20.00mm
(.787") Unmated Height, 11 Rows, 1 Millimeter Wipe, Selectively Filled, Lead-free
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Headers
Series
46537
Application
Board-to-Board
Comments
1.20mm (.047") Pitch Pin-to-Pin and 2.00mm (.079")
Pitch Row-to-Row
Product Name
HD Mezz™
Physical
Breakaway
No
Circuits (Loaded)
104
Circuits (maximum)
104
Circuits Detail
104
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
11
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface (in)
0.047 In
Pitch - Mating Interface (mm)
1.20 mm
Pitch - Term. Interface (in)
0.047 In
Pitch - Term. Interface (mm)
1.20 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Robotic Placement
Vacuum Pick-Up Clip
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
46537Series


Similar Part No. - 46537-1200

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4653 POMONA-4653 Datasheet
22Kb / 1P
   Miniature Triple Banana Plug
logo
List of Unclassifed Man...
4653 ETC2-4653 Datasheet
589Kb / 1P
   TRANSISTOR MICA INSULATORS
logo
Heyco.
4653 HEYCO-4653 Datasheet
360Kb / 1P
   Heyco®-Tite EMC Brass Liquid Tight Cordgrips
logo
Pomona Electronics
4653-0 POMONA-4653-0 Datasheet
22Kb / 1P
   Miniature Triple Banana Plug
4653-2 POMONA-4653-2 Datasheet
22Kb / 1P
   Miniature Triple Banana Plug
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com