Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0452800802 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0452800802
Description  3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0452800802 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0452800802 Datasheet HTML 1Page - Molex Electronics Ltd. 0452800802 Datasheet HTML 2Page - Molex Electronics Ltd. 0452800802 Datasheet HTML 3Page - Molex Electronics Ltd. 0452800802 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
5A
Voltage - Maximum
250V
Solder Process Data
Replacement RoHS Compliant Part Number
0452800852
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-45280-002
Product Specification
PS-44300-001, RPS-44300-001
Sales Drawing
SD-45280-001
Test Summary
TS-45280-001
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0452800802

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0452800801 MOLEX6-0452800801 Datasheet
193Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row
0452800803 MOLEX6-0452800803 Datasheet
190Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI??Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical, 8 Circuits, PA Polyamide Nylon 4/6, UL 94V-0, 0.76關m (30關") Gold (Au) Selective Contact Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com