Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0473149054 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0473149054
Description  1.00mm (.039") Pitch 54mm ExpressCard Stainless Steel Ejector, Top Mount, with Push-Push Mechanism, Lead free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0473149054 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0473149054 Datasheet HTML 1Page - Molex Electronics Ltd. 0473149054 Datasheet HTML 2Page - Molex Electronics Ltd. 0473149054 Datasheet HTML 3Page - Molex Electronics Ltd. 0473149054 Datasheet HTML 4Page - Molex Electronics Ltd. 0473149054 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0473149054
Status:
Active
Description:
1.00mm (.039") Pitch 54mm ExpressCard* Stainless Steel Ejector, Top Mount, with
Push-Push Mechanism, Lead free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-47202-001 (PDF)
General
Product Family
Memory Card Sockets
Series
47314
Button Type
Push-Push
Comments
Slot compatible with both 34mm and 54mm Cards
Component Type
Ejector (Host)
Product Name
ExpressCard*
Type
N/A
Physical
Card Detection Switch
Yes
Circuits (Loaded)
N/A
Circuits (maximum)
0
Durability (mating cycles max)
10,000
Ejector Button Side
No Ejector Button Present
Entry Angle
N/A
Keying to Mating Part
Yes
PCB Locator
Yes
PCB Mounting Side
Normal
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Pitch - Term. Interface (in)
0.000 In
Pitch - Term. Interface (mm)
0.00 mm
Ports
1
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
0°C to +55°C
Electrical
Current - Maximum per Contact
0.75A
Shielded
Yes
Voltage - Maximum
3.3V DC
Voltage Key
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-47314-002
Product Specification
PS-47202-001
Sales Drawing
SD-47314-002
* ExpressCard is trademark, or registered trademark of PCMCIA
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47314Series
Mates With
ExpressCard* Module
Use With
473140053 Top Mount 54mm Header
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0473149054

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0473149053 MOLEX6-0473149053 Datasheet
367Kb / 6P
   1.00mm (.039") Pitch 54mm ExpressCard Stainless Steel Ejector, Top Mount, with Push-Push Mechanism, Lead free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com