Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0438600002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0438600002
Description  Modular Jack, Right Angle, Low Profile, Inverted, 6/6
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0438600002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0438600002 Datasheet HTML 1Page - Molex Electronics Ltd. 0438600002 Datasheet HTML 2Page - Molex Electronics Ltd. 0438600002 Datasheet HTML 3Page - Molex Electronics Ltd. 0438600002 Datasheet HTML 4Page - Molex Electronics Ltd. 0438600002 Datasheet HTML 5Page - Molex Electronics Ltd. 0438600002 Datasheet HTML 6Page - Molex Electronics Ltd. 0438600002 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Current - Maximum per Contact
1.5A
Shielded
No
Voltage - Maximum
150V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-43860-004
Product Specification
PS-43860-003, RPS-43860-004, RPS-43860-007,
RPS-43860-008, RPS-43860-013
Sales Drawing
SD-43860-001
Test Summary
TS-43860-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0438600002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0438600001 MOLEX6-0438600001 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
0438600003 MOLEX6-0438600003 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4
0438600004 MOLEX6-0438600004 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs, 8/8
0438600004 MOLEX1-0438600004_17 Datasheet
34Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs
0438600005 MOLEX6-0438600005 Datasheet
669Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs, 6/6
More results

Similar Description - 0438600002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0438600008 MOLEX6-0438600008 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 6/6
0443800021 MOLEX6-0443800021 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Unshielded
0443800002 MOLEX6-0443800002 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Unshielded
0443800008 MOLEX6-0443800008 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Unshielded
0438146621 MOLEX6-0438146621 Datasheet
149Kb / 3P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 2 Ports
0442480094 MOLEX6-0442480094 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 2 Ports
0438600003 MOLEX6-0438600003 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4
0442480095 MOLEX6-0442480095 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 4 Ports
0442480103 MOLEX6-0442480103 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 4 Ports
0442480102 MOLEX6-0442480102 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, 2 Ports
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com