Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


KS88C2416 Datasheet(PDF) 6 Page - Samsung semiconductor

Part No. KS88C2416
Description  KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

 6 page
background image
PRODUCT OVERVIEW
KS88C2416/P2416/C2432/P2432
1-6
Table 1-1. KS88C2416/2432 Pin Descriptions (Continued)
Pin
Names
Pin
Type
Pin
Description
Circuit
Type
Pin
Numbers (note)
Share
Pins
ADC0–ADC6
ADC7
I
A/D converter analog input channels
F–10
F–18
36–42
43
P2.0–P2.6
P2.7
AVREF
A/D converter reference voltage
44
AVSS
A/D converter ground
45
INT0–INT7
I
External interrupt input pins
D–4
20–27
P0.0–P0.7
RESET
I
System reset pin
(pull-up resistor: 250 k
Ω)
B
19
TEST
I
0 V: Normal MCU operating
5 V: Test mode
12 V: for OTP writing
16
SDAT, SCLK
O
Serial OTP interface pins; serial data
and clock
D–2
10, 11
P3.3, P3.4
VDD, VSS
Power input pins for CPU operation
(internal) and Power input for OTP
Writing
12, 13
XOUT, XIN
Main oscillator pins
14, 15
SCK, SO, SI
I/O
Serial I/O interface clock signal
E–2
33–35
P1.5–P1.7
VVLDREF
I
Voltage detector reference voltage
input
F–18
43
P2.7
TACAP
I
Timer A Capture input
D–2
10
P3.3
TACLK
I
Timer A External clock input
D–2
9
P3.2
TAOUT/TAPWM
O
Timer A output and PWM output
D–2
8
P3.1
TBPWM
O
Timer B PWM output
D–2
7
P3.0
T1CAP
I
Timer 1 Capture input
E–2
28
P1.0
T1CLK
I
Timer 1 External clock input
E–2
29
P1.1
T1OUT/T1PWM
O
Timer 1 output and PWM output
E–2
30
P1.2
COM0–COM3
O
LCD common signal output
H
51–54
SEG0–SEG15
O
LCD segment output
H
55–70
SEG16–SEG23
O
LCD segment output
H–14
71–78
P4.0–P4.7
SEG24–SEG31
O
LCD Segment output
H–14
79–6
P5.0–P5.7
VLC0–VLC2
O
LCD power supply
48–50
BUZ
O
0.5, 1, 2 or 4 kHz frequency output for
buzzer sound with 4.19 MHz main
system clock or 32768 Hz subsystem
clock
E–2
32
P1.4
CA, CB
Capacitor terminal for voltage booster
46–47




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KS88C01016KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0916KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2064KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C2148KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS88C01416KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progra 1 2 3 4 5 MoreSamsung semiconductor
KS88C6108SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
KS86C4302SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS86C6308SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask- 1 2 3 4 5 MoreSamsung semiconductor
KS86C6404SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-pr 1 2 3 4 5 MoreSamsung semiconductor
KS88C0716SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-prog 1 2 3 4 5 MoreSamsung semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl