Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0473001010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0473001010
Description  1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Low Profile Plug for Optical Disk Drive with Standard
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0473001010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0473001010 Datasheet HTML 1Page - Molex Electronics Ltd. 0473001010 Datasheet HTML 2Page - Molex Electronics Ltd. 0473001010 Datasheet HTML 3Page - Molex Electronics Ltd. 0473001010 Datasheet HTML 4Page - Molex Electronics Ltd. 0473001010 Datasheet HTML 5Page - Molex Electronics Ltd. 0473001010 Datasheet HTML 6Page - Molex Electronics Ltd. 0473001010 Datasheet HTML 7Page - Molex Electronics Ltd. 0473001010 Datasheet HTML 8Page - Molex Electronics Ltd. 0473001010 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0473001010
Status:
Active
Overview:
slimline_serial_ata_odd_connectors
Description:
1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Low Profile Plug for Optical
Disk Drive with Standard Type Screw Nail, Right Angle, 0.76µm (30µ") Gold (Au)
Plating, Phosphor Bronze Matte Tin Plated, with Pegs, Lead-free
Documents:
3D Model
Product Specification PS-47300-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR 19980
General
Product Family
PCB Headers
Series
47300
Application
Board-to-Board
Comments
Low Profile, Screw Type
Overview
slimline_serial_ata_odd_connectors
Product Name
Serial ATA, Slimline Serial ATA
Physical
Breakaway
No
Circuits (Loaded)
13
Circuits (maximum)
13
Durability (mating cycles max)
500
First Mate / Last Break
Yes
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
No
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.039 In, 0.050 In
Pitch - Mating Interface (mm)
1.00 mm, 1.27 mm
Pitch - Term. Interface (in)
0.039 In, 0.050 In
Pitch - Term. Interface (mm)
1.00 mm, 1.27 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
39
Plating min: Termination (µm)
1
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-35°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47300Series
Mates With
47628 , 47639, 47645, 47650, 78380,
48321, 48325, 48330, 48336, 47657
Slimline Serial ATA Receptacles


Similar Part No. - 0473001010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0473001013 MOLEX6-0473001013 Datasheet
541Kb / 9P
   1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Low Profile Plug for Optical Disk Drive with Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com