Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8803 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KS8803
Description  10/15 CH PLL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS8803 Datasheet(HTML) 8 Page - Samsung semiconductor

  KS8803 Datasheet HTML 1Page - Samsung semiconductor KS8803 Datasheet HTML 2Page - Samsung semiconductor KS8803 Datasheet HTML 3Page - Samsung semiconductor KS8803 Datasheet HTML 4Page - Samsung semiconductor KS8803 Datasheet HTML 5Page - Samsung semiconductor KS8803 Datasheet HTML 6Page - Samsung semiconductor KS8803 Datasheet HTML 7Page - Samsung semiconductor KS8803 Datasheet HTML 8Page - Samsung semiconductor KS8803 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
KS8803B
10/15 CH PLL
TABLE 2. Channel & Frequency table to Base/Remote input data tor KS8804B (15CH)
BASE (MODE = 1)
REMOTE (MODE = 0)
INPUT
Rx (fREF = 5KHz)
Tx (fREF = 5KHz)
D0
D1
D2
D3
CH
fRX(MHz)
fVCO(MHz)
N
fTX(MHz)
fVCO(MHz)
N
1
0
0
0
0
1
0
0
1
1
0
0
0
0
1
0
1
0
1
0
0
1
1
0
1
1
1
0
0
0
0
1
1
0
0
1
0
1
0
1
1
1
0
1
0
0
1
1
1
0
1
1
0
1
1
1
1
1
1
1
0
0
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
15
49.695
49.710
49.725
49.740
49.755
49.670
49.845
49.860
49.770
49.875
49.830
49.890
49.930
49.990
49.970
49.970
39.000
39.015
39.030
39.045
39.060
38.975
39.150
39.165
39.075
39.180
39.135
39.195
39.235
39.295
39.275
39.275
7800
7803
7806
7809
7812
7795
7830
7833
7815
7836
7827
7839
7847
7859
7855
7855
46.510
46.530
46.550
46.570
46.590
46.610
46.630
46.670
46.710
46.730
76.770
46.830
46.870
46.930
46.970
46.970
46.510
46.530
46.550
46.570
46.590
46.610
46.630
46.670
46.710
46.730
46.770
46.830
46.870
46.930
46.970
46.970
9302
9306
9310
9314
9318
9322
9326
9334
9342
9346
9354
9366
9374
9386
9394
9394
INPUT
Rx (fREF = 5KHz)
Tx (fREF = 5KHz)
D0
D1
D2
D3
CH
fRX(MHz)
fVCO(MHz)
N
fRX(MHz)
fVCO(MHz)
N
1
0
0
0
0
1
0
0
1
1
0
0
0
0
1
0
1
0
1
0
0
1
1
0
1
1
1
0
0
0
0
1
1
0
0
1
0
1
0
1
1
1
0
1
0
0
1
1
1
0
1
1
0
1
1
1
1
1
1
1
0
0
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
15
46.510
46.530
46.550
46.570
46.590
46.610
46.630
46.670
46.710
46.730
76.770
46.830
46.870
46.930
46.970
46.970
35.815
35.835
35.855
35.875
35.895
35.915
35.935
35.975
36.015
36.035
36.075
36.135
36.175
36235
36.275
36.275
7163
7167
7171
7175
7179
7183
7187
7195
7203
7207
7215
7227
7235
7247
7255
7255
49.695
49.710
49.725
49.740
49.755
49.670
49.845
49.860
49.770
49.875
49.830
49.890
49.930
49.990
49.970
49.970
49.695
49.710
49.725
49.740
49.755
49.670
49.845
49.860
49.770
49.875
49.830
49.890
49.930
49.990
49.970
49.970
9939
9942
9945
9948
9951
9934
9969
9972
9954
9975
9966
9978
9986
9998
9994
9994


Similar Part No. - KS8803

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS8808 SAMSUNG-KS8808 Datasheet
158Kb / 10P
   PLL FREQUENCY SHNTHESIZER FOR PAGER
KS8808A SAMSUNG-KS8808A Datasheet
185Kb / 12P
   PLL FREQUENCY SHNTHESIZER FOR PAGER
KS8808AD SAMSUNG-KS8808AD Datasheet
185Kb / 12P
   PLL FREQUENCY SHNTHESIZER FOR PAGER
KS8809 SAMSUNG-KS8809 Datasheet
212Kb / 14P
   PLL FREQUENCY SYNTHESIZER FOR PAGER
More results

Similar Description - KS8803

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5T8803A SAMSUNG-S5T8803A Datasheet
109Kb / 8P
   10 CH PLL
logo
Infineon Technologies A...
PMB2341 INFINEON-PMB2341 Datasheet
410Kb / 26P
   10-pin Single PLL
Version 1.0 February 2000
logo
Cirrus Logic
CS42416 CIRRUS-CS42416 Datasheet
1Mb / 67P
   110 dB, 192kHz 6-Ch CODEC WITH PLL
CS42428 CIRRUS-CS42428 Datasheet
1Mb / 67P
   114 dB, 192kHz 8-Ch CODEC WITH PLL
CS42426 CIRRUS-CS42426 Datasheet
1Mb / 67P
   114 dB, 192kHz 6-Ch CODEC WITH PLL
CS42418 CIRRUS-CS42418 Datasheet
1Mb / 67P
   110 dB, 192kHz 8-Ch CODEC WITH PLL
logo
Advantech Co., Ltd.
ADAM-4050 ADVANTECH-ADAM-4050 Datasheet
705Kb / 1P
   15-ch Digital I/O Module
ADAM-4050 ADVANTECH-ADAM-4050_15 Datasheet
249Kb / 1P
   15-ch Digital I/O Module
logo
Cirrus Logic
CS42418 CIRRUS-CS42418_05 Datasheet
1Mb / 73P
   110 dB, 192 kHz 8-Ch Codec with PLL
CS42426 CIRRUS-CS42426_05 Datasheet
1Mb / 73P
   114 dB, 192 kHz 6-Ch Codec with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com