Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS86P6308 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # KS86P6308
Description  SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS86P6308 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button KS86P6308 Datasheet HTML 7Page - Samsung semiconductor KS86P6308 Datasheet HTML 8Page - Samsung semiconductor KS86P6308 Datasheet HTML 9Page - Samsung semiconductor KS86P6308 Datasheet HTML 10Page - Samsung semiconductor KS86P6308 Datasheet HTML 11Page - Samsung semiconductor KS86P6308 Datasheet HTML 12Page - Samsung semiconductor KS86P6308 Datasheet HTML 13Page - Samsung semiconductor KS86P6308 Datasheet HTML 14Page - Samsung semiconductor KS86P6308 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
KS86C6308/P6308 (Preliminary Spec)
PRODUCT OVERVIEW
1-11
APPLICATION CITCUIT
DM1
KS86C6308 (P6308)
XI
XO
LPF
GANGED
VDD
VDD
DM0
VSS
DP0
Keyboard
Matrix
DP2
Upstream Port
VDD
D-
D+
VSS
12 MHz
NOTES:
1. We recommand Power Switch, MIC2525 (by MICREL Semiconductor).
2. R1: 1.5 K
Ω R2: 15 KΩ
3. For proper operation of the PLL, an external RC filter consisting of series
RC network resistor and capacitor must be connected from the LPF pin to V SS.
4. Port3 can use LED direct drive.
5. Upstream D+, D- can use GPIO interface (see GPIOCONINT)
P2.0-P2.7
P0.0-P0.7
P1.0-P1.7
PWREN1
PWREN2
PWREN3
PWREN4
DP1
DM2
DP3
DM3
DM4
DP4
Power Switch
VDD
D-
D+
VSS
VDD
D-
D+
VSS
VDD
D-
D+
VSS
VDD
D-
D+
VSS
Downstream
Ports
P3.2
P3.1
P3.0
LEDON0
LEDON1
LEDON2
LEDON4
LEDON3
OCDET4
OCDET3
OCDET2
OCDET1
EN
OC
IN
OUT
DM1
Figure 1-11. Bus-Powered, Gang Port (64-SDIP, 64-QFP)


Similar Part No. - KS86P6308

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS86P6104 SAMSUNG-KS86P6104 Datasheet
190Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offer fast and efficient CPU, a wide range of integrated peripherals, and supports OTP devic
KS86P6408 SAMSUNG-KS86P6408 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
More results

Similar Description - KS86P6308

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS86C4004 SAMSUNG-KS86C4004 Datasheet
250Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C6404 SAMSUNG-KS86C6404 Datasheet
193Kb / 28P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS88C6108 SAMSUNG-KS88C6108 Datasheet
260Kb / 26P
   SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C0716 SAMSUNG-KS88C0716 Datasheet
229Kb / 30P
   SAM87 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-prog
KS86C4204 SAMSUNG-KS86C4204 Datasheet
204Kb / 28P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS86C4302 SAMSUNG-KS86C4302 Datasheet
208Kb / 34P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-pr
KS88C4616 SAMSUNG-KS88C4616 Datasheet
246Kb / 34P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS88C4404 SAMSUNG-KS88C4404 Datasheet
285Kb / 36P
   new SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-p
KS88C2148 SAMSUNG-KS88C2148 Datasheet
300Kb / 34P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C2416 SAMSUNG-KS88C2416 Datasheet
208Kb / 32P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com