Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8620 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KS8620
Description  1 Chip CODEC for Digital Answering phone
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS8620 Datasheet(HTML) 3 Page - Samsung semiconductor

  KS8620 Datasheet HTML 1Page - Samsung semiconductor KS8620 Datasheet HTML 2Page - Samsung semiconductor KS8620 Datasheet HTML 3Page - Samsung semiconductor KS8620 Datasheet HTML 4Page - Samsung semiconductor KS8620 Datasheet HTML 5Page - Samsung semiconductor KS8620 Datasheet HTML 6Page - Samsung semiconductor KS8620 Datasheet HTML 7Page - Samsung semiconductor KS8620 Datasheet HTML 8Page - Samsung semiconductor KS8620 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
KS8620
1 Chip CODEC for Digital Answering phone
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 oC)
Pin No
Symbol
Description
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
V
BB
GNDA
VF
RO
V
CC
FSR
DR
BCLKR /
CLKSEL
MCLKR /
PDN
MCLKX
BCLKX
DX
FSX
TSX
GSX
VF
XI-
VF
XI+
VBB = -5V + 5%
Analog ground
Analog output of the receiver filter
Vcc = +5V + 5%
Receive frame sync pulse. 8KHz pulse train.
PCM data input
Logic input which selects either 1.536MHz / 1.544MHz or 2.048MHz for master
clock in normal operation and BCLKx is used for both TX and RX directions.
Alternately direct clock input available, vary from 64KHz to 2.048MHz.
When MCLKR is connected continuously high, the device goes powered down .
Normally connected continuously low, MCLKx is selected for all DAC timing.
Alternately direct 1.536MHz / 1.544MHz or 2.048MHz clock input is available.
1.536MHz / 1.544MHz or 2.048MHz clock input is available
May be vary from 64KHz 2.048MHz, but BCLKx is externally tied with MCLKx
in normal operation.
PCM data output.
TX frame sync pulse. 8KHz pulse train.
Changed from high to low during the encoder timeslot. Open drain output.
Analog output of the TX input amplifier.
Used to set gain through external resistor between pin 14 to pin 15.
Inverting input stage of the TX analog signal.
Non-inverting input stage of the TX analog signal.
Characteristic
Positive Supply Voltage
Negative Supply Voltage
Voltage at any Analog Input or Output
Voltage at any Digital Input or Output
Operating Temperature Range
Storage Temperature Range
Lead Temperature Range ( soldering , 10 sec )
Symbol
Value
Unit
Vcc
VBB
V I (A)
V I (D)
Ta
TSTG
TLEAD
+7
-7
Vcc + 0.3 to VBB - 0.3
Vcc + 0.3 to GNDA - 0.3
0 to 70
-65 to +150
300
V
V
V
V
oC
oC
oC


Similar Part No. - KS8620

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS8630 SAMSUNG-KS8630 Datasheet
258Kb / 23P
   ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
KS8630D SAMSUNG-KS8630D Datasheet
258Kb / 23P
   ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
logo
Micrel Semiconductor
KS8695 MICREL-KS8695 Datasheet
160Kb / 4P
   CENTAUR Integrated Multi-Port Gateway Solutions
KS8695P MICREL-KS8695P Datasheet
816Kb / 42P
   Integrated Multi-Port PCI Gateway Solution
KS8695PI MICREL-KS8695PI Datasheet
816Kb / 42P
   Integrated Multi-Port PCI Gateway Solution
More results

Similar Description - KS8620

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5T8554B03 SAMSUNG-S5T8554B03 Datasheet
120Kb / 13P
   CODEC FOR DIGITAL ANSWERING PHONE
logo
Rohm
BU8761KV ROHM-BU8761KV Datasheet
71Kb / 4P
   CODEC IC for digital mobile phone
BU8732AKV ROHM-BU8732AKV Datasheet
159Kb / 11P
   CODEC IC for digital mobile phone
logo
NXP Semiconductors
PCD6003 PHILIPS-PCD6003 Datasheet
385Kb / 96P
   Digital telephone answering machine chip
2001 Apr 17
PCD6001 PHILIPS-PCD6001 Datasheet
385Kb / 96P
   Digital telephone answering machine chip
2001 Apr 17
logo
Siemens Semiconductor G...
PSB2168 SIEMENS-PSB2168 Datasheet
897Kb / 185P
   Digital Answering Machine SAM
logo
Maxim Integrated Produc...
DS2132A MAXIM-DS2132A Datasheet
231Kb / 17P
   Digital Answering Machine Processor
041295
logo
Samsung semiconductor
S5T8554B SAMSUNG-S5T8554B Datasheet
125Kb / 14P
   1 CHIP CODEC
logo
National Semiconductor ...
TP3076 NSC-TP3076 Datasheet
222Kb / 18P
   COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications
logo
List of Unclassifed Man...
D6571E ETC-D6571E Datasheet
551Kb / 117P
   Chip for an All-Digital Telephone Answering Machine with Flash Memory Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com