Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS58555B Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KS58555B
Description  UNIVERSAL 15 MEMORY DIALER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS58555B Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button KS58555B Datasheet HTML 3Page - Samsung semiconductor KS58555B Datasheet HTML 4Page - Samsung semiconductor KS58555B Datasheet HTML 5Page - Samsung semiconductor KS58555B Datasheet HTML 6Page - Samsung semiconductor KS58555B Datasheet HTML 7Page - Samsung semiconductor KS58555B Datasheet HTML 8Page - Samsung semiconductor KS58555B Datasheet HTML 9Page - Samsung semiconductor KS58555B Datasheet HTML 10Page - Samsung semiconductor KS58555B Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
KS58555B
UNIVERSAL 15 MEMORY DIALER
F : Flash (i = 1, 2,3)
If the Flash key pressed,
DP and X'MUTE will be forced to low during the tFL (Flash Time)
HFI
Hands-Free dialing input.
Hands-Free dialing output controlled by the keyboard (HFl)
HDI
Hold function input.
Hold function controlled by the keyboard (HDl).
The output will control the melody enable.
KEYBOARD AND SWITCHE OPERATION
SYMBOL DEFINITION
DP=PULSE DATA : 0,1,2,3,4,5,6,7,8,9,F, PAUSE
Dt=TONE DATA
: 0,1,2,3,4,5,6,7,8,9, *,#,F, PAUSE
EM1 ~ EM4 = DIRECT MEMORY
REC = RECALL
LOC = LOCATION
ZiZiZi = Conversation Mode
OFF= OFF-HOOK
ON = ON-HOOK
= INPUT LEVEL LOW TO HIGH
= INPUT LEVEL HIGH TO LOW
OPERATION MANUAL
- NORMAL DIALING IN PULSE MODE
OFF: Dp,-, Dp, : ZiZiZi : ON
- NORMAL DIALING IN TONE MODE
OFF: Dt,-, Dt, : ZiZiZi : ON
- NORMAL DIALING FROM PULSE TO TONE VIA T/* KEY
OFF: Dp,-, Dp, T/*, Dt, : ZiZiZi : ON
- NORMAL DIALING FROM PULSE TO TONE VIA MDS/DRS SWITCH
OFF: Dp,-, Dp, MDS/DRS,
, Dt , ----,Dt : ZiZiZi : ON
- REDIAL
OFF: RD/P : ZiZiZi : ON
NOTE : 1) All the key input will be ignored during the redial.
2) if the dialing digits exceed 32 digits, the redialing operation will be inhibited)
3) Cascade dialing (normal dialing after redialing) will be accepted.
F1
100mS
F2
303mS
F3
604mS
Flash Time Selectable on the
Keyboard


Similar Part No. - KS58555B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS58550 SAMSUNG-KS58550 Datasheet
99Kb / 13P
   UNIVERSAL 10 MEMORY DIALER
More results

Similar Description - KS58555B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5T5855A SAMSUNG-S5T5855A Datasheet
129Kb / 12P
   UNIVERSAL 15 MEMORY DIALER
KS58550 SAMSUNG-KS58550 Datasheet
99Kb / 13P
   UNIVERSAL 10 MEMORY DIALER
logo
Holtek Semiconductor In...
HT9214 HOLTEK-HT9214 Datasheet
1,008Kb / 25P
   15-Memory Tone/Pulse Dialer
logo
UMC Corporation
UM91265 UMC-UM91265 Datasheet
716Kb / 12P
   15 Memory Tone/Pulse Dialer
logo
Holtek Semiconductor In...
HT9315 HOLTEK-HT9315 Datasheet
309Kb / 27P
   15-Memory Tone/Pulse Dialer
logo
List of Unclassifed Man...
HM9114 ETC1-HM9114 Datasheet
118Kb / 1P
   TONE/PULSE SWITCHABLE & 15 MEMORY DIALER
logo
Sanyo Semicon Device
LC73720 SANYO-LC73720 Datasheet
284Kb / 12P
   Dialer with Memory?
logo
UMC Corporation
UM91611 UMC-UM91611 Datasheet
276Kb / 5P
   10 Memory Pulse Dialer
logo
Winbond
W9145 WINBOND-W9145 Datasheet
209Kb / 18P
   15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION
logo
Holtek Semiconductor In...
HT9302 HOLTEK-HT9302 Datasheet
284Kb / 27P
   1-Memory/2-Memory Tone/Pulse Dialer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com