Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50080-8100 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 50080-8100
Description  1.25mm (.049") Pitch Board-In Crimp Terminal, Male, 50080, 26-28 AWG, Bag, for 51022 Housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

50080-8100 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  50080-8100 Datasheet HTML 1Page - Molex Electronics Ltd. 50080-8100 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0500808100
Status:
Active
Description:
1.25mm (.049") Pitch Board-In Crimp Terminal, Male, 50080, 26-28 AWG, Bag, for
51022 Housing
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51022-001 (PDF)
General
Product Family
Crimp Terminals
Series
50080
Crimp Quality Equipment
Yes
Product Name
Board-In
Physical
Gender
Male
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Bag
Plating min: Mating (µin)
36
Plating min: Mating (µm)
0.90
Plating min: Termination (µin)
36
Plating min: Termination (µm)
0.90
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
0.50-1.00mm (.020-.039")
Wire Size AWG
26, 28
Wire Size mm²
N/A
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Product Specification
PS-51022-001, RPS-51022-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
50080Series
Use With
51022
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Extraction Tool
0011030043
Hand Crimp Tool for
1.25mm (.049") Pitch
PicoBlade™ Crimp
Terminals, 26-32
AWG
0638190300
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 50080-8100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50080-8000 MOLEX6-50080-8000 Datasheet
85Kb / 3P
   1.25mm (.049") Pitch Board-In Crimp Terminal, 26-28 AWG, Reel, for 51022 Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com