Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS58015 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KS58015
Description  DTMF DIALER FOR BINARY DATA-IN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS58015 Datasheet(HTML) 2 Page - Samsung semiconductor

  KS58015 Datasheet HTML 1Page - Samsung semiconductor KS58015 Datasheet HTML 2Page - Samsung semiconductor KS58015 Datasheet HTML 3Page - Samsung semiconductor KS58015 Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KS58015
DTMF DIALER FOR BINARY DATA-IN
PIN CONFIGURATION
Fig. 2
PIN DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
KS58015
VDD
TEN
ST
GS
VSS
OSC IN
OSC OUT
MUTE
TONE OUT
D3
D2
D1
D0
NC
Pin No
Symbol
Descriptions
1
VDD
Positive supply input
2
TEN
Tone enable input. An internal pull-up resistor is in a chip. When this pin connects to
logic ‘low’, the oscillator is inhibited and the tone generators and output transistor are
turned off. A low to high transition on this pin latches in data from D0 ~ D3, and tone
generation continues until this pin is connected ‘low’again.
3
ST
Single tone enable. An internal pull-up resistor is in a chip. When this pin connects
to logic ‘low’, the device is in a single tone mode. For normal operation, connects this
pin to VDD or open-circuit.
4
GS
Group selection input. This pin is used to select the high group or low group fre-
quency, when the device is in single tone mode. An internal pull-up resistor is in a
chip. When this pin connects to VDD or open, the high group will be generated, and when
connects to VSS, the low group will be generated.
5
VSS
Negative supply input
6
OSC IN
Oscillator input
7
OSC OUT
Oscillator output
8
MUTE
N-channel open drain output.
This pin is a logic high state, when the tone enable pin is a high state.
This pin goes a logic low state, when the tone enable pin is a low state.
9, 10,
11, 12
D0, D1,
D2, D3
DATA-INPUTS. These are the inputs for binary-coded data, which is latched in on
the rising edge of the tone enable signal.
13
N.C
No connection.
14
Tone out
This output is the open emitter of a NPN transistor. When an external load resistor
is connected from this pin to VSS, the tone generates on the tone enable pin = ‘High’.


Similar Part No. - KS58015

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
KS58006N SAMSUNG-KS58006N Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
KS5805 SAMSUNG-KS5805 Datasheet
305Kb / 6P
   TELEPHONE PULSE DIALER WITH REDIAL
KS5805A SAMSUNG-KS5805A Datasheet
305Kb / 6P
   TELEPHONE PULSE DIALER WITH REDIAL
KS5805AN SAMSUNG-KS5805AN Datasheet
305Kb / 6P
   TELEPHONE PULSE DIALER WITH REDIAL
More results

Similar Description - KS58015

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5T0167 SAMSUNG-S5T0167 Datasheet
55Kb / 6P
   DTMF DIALER FOR BINARY DATA-IN
logo
National Semiconductor ...
TP5088 NSC-TP5088 Datasheet
132Kb / 6P
   TP5088 DTMF Generator for Binary Data
logo
STMicroelectronics
EFG71891 STMICROELECTRONICS-EFG71891 Datasheet
392Kb / 10P
   DTMF GENERATOR FOR BINARY CODED HEXADECIMAL DATA
logo
Sanyo Semicon Device
LC7364J SANYO-LC7364J Datasheet
275Kb / 12P
   DTMF/PULSE Switchable Dialer
LC7368J SANYO-LC7368J Datasheet
257Kb / 13P
   Switchable DTMF/Pulse Dialer
LC7367J SANYO-LC7367J Datasheet
286Kb / 12P
   DTMF/PULSE Switchable Dialer
logo
OKI electronic componet...
MSM6234 OKI-MSM6234 Datasheet
124Kb / 12P
   DTMF Tone Dialer LSI
logo
Sanyo Semicon Device
LC7363J SANYO-LC7363J Datasheet
284Kb / 12P
   DTMF/PULSE Switchable Dialer
logo
NTE Electronics
NTE1690 NTE-NTE1690 Datasheet
31Kb / 4P
   Integrated Circuit Telephone DTMF Dialer
logo
Sanyo Semicon Device
LC73711N SANYO-LC73711N Datasheet
244Kb / 11P
   Switchable DTMF/Pulse Dialer with Memory
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com