Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS57C3316 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KS57C3316
Description  The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS57C3316 Datasheet(HTML) 2 Page - Samsung semiconductor

  KS57C3316 Datasheet HTML 1Page - Samsung semiconductor KS57C3316 Datasheet HTML 2Page - Samsung semiconductor KS57C3316 Datasheet HTML 3Page - Samsung semiconductor KS57C3316 Datasheet HTML 4Page - Samsung semiconductor KS57C3316 Datasheet HTML 5Page - Samsung semiconductor KS57C3316 Datasheet HTML 6Page - Samsung semiconductor KS57C3316 Datasheet HTML 7Page - Samsung semiconductor KS57C3316 Datasheet HTML 8Page - Samsung semiconductor KS57C3316 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
PRODUCT OVERVIEW
KS57C3316/P3316
1-2
FEATURES
Memory
512-nibble RAM
16K-byte ROM
I/O Pins
Input only: 4 pins
Output only: 28 pins
I/O: 24 pins
LCD Controller/Driver
Maximum 14-digit LCD direct drive capability
28 segment x 4 common signals
Display modes: Static, 1/2 duty (1/2 bias)
1/3 duty (1/2 or 1/3 bias), 1/4 duty (1/3 bias)
8-Bit Basic Timer
Programmable interval timer functions
Watch-dog timer function
8-Bit Timer/Counter
Programmable 8-bit timer
External event counter
Arbitrary clock frequency output
External clock signal divider
Serial I/O interface clock generator
Watch Timer
Time interval generation
: 0.5 s, 3.9 ms at 32.768 kHz
Frequency outputs to BUZ pin
Clock source generation for LCD
8-Bit Serial I/O Interface
8-bit transmit/receive mode
8-bit receive mode
Data direction selectable (LSB-first or MSB-first)
Internal or external clock source
A/D Converter
4-channels with 8-bit resolution
Bit Sequential Carrier Buffer
Support 16-bit serial data transfer in arbitrary
format
PLL Frequency Synthesizer
Level = 300 mVp-p (min)
AMVCO range = 0.5 MHz to 30 MHz
FMVCO range = 30 MHz to 150 MHz
16-Bit Intermediate Frequency (IF) Counter
Level = 300 mVp-p (min)
AMIF range = 100 kHz to 1 MHz
FMIF range = 5 MHz to 15 MHz


Similar Part No. - KS57C3316

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C3016 SAMSUNG-KS57C3016 Datasheet
4Mb / 111P
   4-BIT CMOS MICROCONTROLLER
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
More results

Similar Description - KS57C3316

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
   The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
   The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C72G9 SAMSUNG-S3C72G9 Datasheet
181Kb / 28P
   The S3C72G9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72I9 SAMSUNG-S3C72I9 Datasheet
218Kb / 32P
   The S3C72I9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C7295 SAMSUNG-S3C7295 Datasheet
207Kb / 31P
   The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72C8 SAMSUNG-S3C72C8 Datasheet
237Kb / 37P
   The S3C72C8 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
S3C72F5 SAMSUNG-S3C72F5 Datasheet
263Kb / 41P
   The S3C72F5 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable M
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
   The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
   The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
   The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com