Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44248-0089 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 44248-0089
Description  Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

44248-0089 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  44248-0089 Datasheet HTML 1Page - Molex Electronics Ltd. 44248-0089 Datasheet HTML 2Page - Molex Electronics Ltd. 44248-0089 Datasheet HTML 3Page - Molex Electronics Ltd. 44248-0089 Datasheet HTML 4Page - Molex Electronics Ltd. 44248-0089 Datasheet HTML 5Page - Molex Electronics Ltd. 44248-0089 Datasheet HTML 6Page - Molex Electronics Ltd. 44248-0089 Datasheet HTML 7Page - Molex Electronics Ltd. 44248-0089 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical
Current - Maximum per Contact
1.5A
Grounding to PCB
Yes
Shielded
Yes
Voltage - Maximum
150V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-44248-004
Product Specification
PS-43860-003, RPS-43860-004, RPS-43860-007,
RPS-43860-008, RPS-43860-013
Sales Drawing
SD-44248-001
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 44248-0089

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44248-0085 MOLEX6-44248-0085 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
44248-0086 MOLEX6-44248-0086 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 4 Ports
More results

Similar Description - 44248-0089

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0442480085 MOLEX1-0442480085_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
0442480085 MOLEX6-0442480085 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
0442480089 MOLEX1-0442480089_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
0442480057 MOLEX6-0442480057 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
0442480061 MOLEX6-0442480061 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, 2 Ports
0442480033 MOLEX6-0442480033 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 2 Ports
0442480033 MOLEX1-0442480033_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 2 Ports
0442480001 MOLEX6-0442480001 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 2 Ports
0442480029 MOLEX6-0442480029 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 2 Ports
0442480029 MOLEX1-0442480029_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, Lightpipes, 8/8, 2 Ports
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com