Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

47266-9101 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 47266-9101
Description  0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Black, Through Hole Shell Tab Length 1.90mm (.075"), 0.76關m (30關") Gold (Au) Contact Plating, Gold (Au) Flash Solder Tail Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

47266-9101 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  47266-9101 Datasheet HTML 1Page - Molex Electronics Ltd. 47266-9101 Datasheet HTML 2Page - Molex Electronics Ltd. 47266-9101 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current - Maximum per Contact
0.5A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
40V DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-47266-006
Product Specification
PS-47152-001
Sales Drawing
SD-47266-009
* High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC.
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 47266-9101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47266-0001 MOLEX-47266-0001 Datasheet
119Kb / 2P
   High Definition Multimedia Interface (HDMI) Receptacle
47266-0001 MOLEX6-47266-0001 Datasheet
264Kb / 4P
   0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Black, Through Hole Shell Tab Length 1.90mm
47266-0001 MOLEX2-47266-0001 Datasheet
229Kb / 2P
   HDMI RECEPTACLE W/SCREW R/A SMT CUSTOMER DRAWING
47266-0011 MOLEX6-47266-0011 Datasheet
264Kb / 4P
   0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Black, Through Hole Shell Tab Length 1.90mm (.075"), 0.76關m (30關") Gold (Au) Selective Plating, Matt Tin Plated Shell
47266-0011 MOLEX2-47266-0011 Datasheet
229Kb / 2P
   HDMI RECEPTACLE W/SCREW R/A SMT CUSTOMER DRAWING
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com