Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS5520 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KS5520
Description  ON SCREEN DISPLAY PROCESSOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS5520 Datasheet(HTML) 5 Page - Samsung semiconductor

  KS5520 Datasheet HTML 1Page - Samsung semiconductor KS5520 Datasheet HTML 2Page - Samsung semiconductor KS5520 Datasheet HTML 3Page - Samsung semiconductor KS5520 Datasheet HTML 4Page - Samsung semiconductor KS5520 Datasheet HTML 5Page - Samsung semiconductor KS5520 Datasheet HTML 6Page - Samsung semiconductor KS5520 Datasheet HTML 7Page - Samsung semiconductor KS5520 Datasheet HTML 8Page - Samsung semiconductor KS5520 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
KS5520-XX
ON SCREEN DISPLAY PROCESSOR
5
VID-97-D001
98-05-14
6.2 PIN DESCRIPTION
Pin No.
Symbol
I/O
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
DGND
SCK
RESETB
OSCIN
OSCOUT
CSB
SIN
LPF
CLAMPIN
AGND
PD OUT
VCO IN
C NOD1
C NOD2
R CNTR
AVDD
CVIN
SCCR
CVOUT
-
I
I
I
O
I
I
I
I
-
O
I
O
O
O
-
I
I
O
Digital Ground
Serial clock input. When CSB pin is low, then 16-bit serial
data is inputted by controlling micom. Built-in pull-up resistor.
Auto clear pin. If low, then all circuit is reset.
Built-in pull-up resistor.
LC oscillation pin. Standard frequency is 9MHz &
the horizontal start position and the horizontal size are controlled
by the clock of oscillation block.
While pin 6 is low, serial data input is active.
Built - in pull-up resistor
Serial data input pin. Built-in pull-up resistor
LPF gets rid of the color signal in a video input signal.
Clamp input pin of composite video signal of 2Vpp
Analog ground
Phase detect output of analog PLL. Loop filter is formed by PD
OUT and VCO IN.
VCO input pin of PLL
Capacitor node 1 of PLL VCO
Capacitor node 2 of PLL VCO
Resistor node of PLL VCO
5V Analog VDD
Composite video input pin
When SECAM mode, color signal is mixed in the character level.
Composite video output pin


Similar Part No. - KS5520

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS5514B-02 SAMSUNG-KS5514B-02 Datasheet
123Kb / 17P
   ON SCREEN DISPLAY PROCESSOR
KS5514B-03 SAMSUNG-KS5514B-03 Datasheet
123Kb / 17P
   ON SCREEN DISPLAY PROCESSOR
KS5514B-06 SAMSUNG-KS5514B-06 Datasheet
123Kb / 17P
   ON SCREEN DISPLAY PROCESSOR
KS5514B-07 SAMSUNG-KS5514B-07 Datasheet
123Kb / 17P
   ON SCREEN DISPLAY PROCESSOR
KS5514B-09 SAMSUNG-KS5514B-09 Datasheet
123Kb / 17P
   ON SCREEN DISPLAY PROCESSOR
More results

Similar Description - KS5520

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS5514B-XX SAMSUNG-KS5514B-XX Datasheet
123Kb / 17P
   ON SCREEN DISPLAY PROCESSOR
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
New Japan Radio
NJM2214 NJRC-NJM2214 Datasheet
227Kb / 6P
   VIDEO ON-SCREEN DISPLAY
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
List of Unclassifed Man...
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com