Electronic Components Datasheet Search |
|
VI-JWDMM Datasheet(PDF) 1 Page - Vicor Corporation |
|
VI-JWDMM Datasheet(HTML) 1 Page - Vicor Corporation |
1 / 2 page 12 1-800-735-6200 VI-J00 MiniMod DC-DC Converters 25 to 100 Watts Product Highlights The VI-J00 MiniMod family establishes a new standard in component-level DC-DC converters. This “junior” size complement to the higher power VI-200 family offers up to 100W of isolated and regulated power in a board mounted package. At one-half the size and twice the power density of previous 100W modules, and with a maximum operating temperature rating of 100˚C, the MiniMod opens new horizons for board-mounted (distributed) power architectures. Utilizing Vicor’s “zero-current- switching” forward converter technology, proven by an installed base of over 8 million units, the MiniMod family combines state of the art power density with the efficiency, low noise and reliability required by next generation power systems. Packaging Options SlimMods™, high power density, flangeless packages and FinMods™, featuring integral finned heatsinks. SlimMod: Option suffix: - S Example: VI - JXX - XX - S FinMod: Option suffix: - F1 and - F2 Examples: VI - JXX - XX - F1, 0.75" height VI - JXX - XX - F2, 1.00" height Converter Selection Chart VI-J Input Voltage Brownout / Nominal Range Transient* 0 = 12V 10 - 20V(5) n/a 22V 1 = 24V 21 - 32V(2) 18V 36V W = 24V 18 - 36V(2) n/a n/a 2 = 36V 21 - 56V(6) 18V 60V 3 = 48V 42 - 60V(3) 36V 72V N = 48V 36 - 76V(2) n/a n/a 4 = 72V 55 - 100V(2) 45V 110V T = 110V 66 - 160V(2) n/a n/a 5 = 150V 100 - 200V(2) 85V 215V 6 = 300V 200 - 400V(3) 170V 425V 7 = 150/300V 100 - 375V(6) 90V n/a Max. Output For 5V Outputs > 5V Outputs < 5V Outputs (1) 50W 50W 10A (2) 75W 100W 20A (3) 100W 100W 20A Max. Output For 5V Outputs > 5V Outputs < 5V Outputs (4) 75W 75W 15A (5) 50W 75W 15A (6) 50W 75W 10A Product Grade/ Product Grade/ Operating Temp. Storage Temp. E = -10°C to +100°C E = -20°C to +105°C C = -25°C to +100°C C = -40°C to +105°C I = -40°C to +100°C I = -55°C to +105°C M = -55°C to +100°C M = -65°C to +105°C Output Power/Current VOUT ≥ 5V VOUT < 5V Z = 25W Z = 5A Y = 50W Y = 10A X = 75W X = 15A W = 100W W = 20A Output Voltage Z = 2V 2 = 15V Y = 3.3V N = 18.5V 0 = 5V 3 = 24V X = 5.2V L = 28V W = 5.5V J = 36V V = 5.8V K = 40V T = 6.5V 4 = 48V R = 7.5V H = 52V M = 10V F = 72V 1 = 12V D = 85V P = 13.8V B = 95V Features s Up to 50W/Cubic Inch s UL, CSA, TÜV, VDE, BABT s CE Marked s Up to 90% Efficiency s Size: 2.28" x 2.4" x 0.5" (57,9 x 61,0 x 12,7) s Remote Sense and Current Limit s Logic Disable s Wide Range Output Adjust s ZCS Power Architecture s Low Noise FM Control Mechanical Drawing 5 6 7 8 9 4 3 2 1 .080 Dia (2) places Solder plate over copper alloy .040 (1,0) Dia (7) places Solder plate over copper alloy .01 Aluminum Base Product ID this surface Function +In -In +Out Trim –Sense –Out Pin # 1 2 3 4 5 6 7 8 9 FULL R +.030 (0,76) -.000 (0) (5,6) Min. (7,6) Min. (44,4) Max. (61,0) (57,9) (3,0) (12,7) 1.90 .65 (16,5) .49 (12,4) .30 ±.015 (7,6) ±(0,38) .15 2.10 (53,4) (33,0) .40 (10,2) .35 ± .015 (8,9) ±(0,38) 1.40 (35,6) 1.00 (25,4) .70 (17,8) Gate In Gate Out +Sense VI-J00 2.28 1.30 (3,8) .15 (3,8) (48,3) .22 .12 .50 .30 2.40 1.75 *Brownout 75% of rated load; transient voltage for 1 second. Rev 3 1 of 2 For the latest Vicor Product Information: www.vicorpower.com |
Similar Part No. - VI-JWDMM |
|
Similar Description - VI-JWDMM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |