Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0444720653 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0444720653
Description  4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 6 Circuits, PA Polyamide Nylon 6/6 94V-0, with Drain Holes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0444720653 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0444720653 Datasheet HTML 1Page - Molex Electronics Ltd. 0444720653 Datasheet HTML 2Page - Molex Electronics Ltd. 0444720653 Datasheet HTML 3Page - Molex Electronics Ltd. 0444720653 Datasheet HTML 4Page - Molex Electronics Ltd. 0444720653 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - 0444720653

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0444720650 MOLEX6-0444720650 Datasheet
237Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS??Header, Dual Row, Vertical, with Snap-in PlasticPeg PCB Lock, 6 Circuits, PA Polyamide Nylon 6/6 94V-2, without Drain Holes
0444720651 MOLEX6-0444720651 Datasheet
237Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 6 Circuits
0444720652 MOLEX6-0444720652 Datasheet
237Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 6 Circuits
0444720654 MOLEX6-0444720654 Datasheet
239Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 6
0444720655 MOLEX6-0444720655 Datasheet
239Kb / 5P
   4.20mm (.165") Pitch Mini-Fit HCS Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com