Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS0717 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # KS0717
Description  55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0717 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button KS0717 Datasheet HTML 7Page - Samsung semiconductor KS0717 Datasheet HTML 8Page - Samsung semiconductor KS0717 Datasheet HTML 9Page - Samsung semiconductor KS0717 Datasheet HTML 10Page - Samsung semiconductor KS0717 Datasheet HTML 11Page - Samsung semiconductor KS0717 Datasheet HTML 12Page - Samsung semiconductor KS0717 Datasheet HTML 13Page - Samsung semiconductor KS0717 Datasheet HTML 14Page - Samsung semiconductor KS0717 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
KS0717
8
SYSTEM CONTROL
Table 5. System Control Pins Description
Name
I/O
Description
Master / Slave operation select pin
− MS = "H": master operation
− MS = "L": slave operation
The following table depends on the MS status.
MS
CLS
OSC
circuit
Power supply
circuit
CL
M
FRS
DISP
H
Enabled
Enabled
Output
Output
Output
Output
H
L
Disabled
Enabled
Input
Output
Output
Output
L
-
Disabled
Disabled
Input
Input
Output
Input
MS
I
CLS
I
Built-in oscillator circuit enable / disable select pin
− CLS = “H”: enable
− CLS = “L”: disable (external display clock input to CL pin)
CL
I/O
Display clock input / output pin
When the KS0717 is used in master / slave mode (multi-chip), the CL pins must be
connected each other.
M
I/O
LCD AC signal input / output pin
When the KS0717 is used in master/slave mode (multi-chip), the M pins must be
connected each other.
− MS = “H”: output
− MS = “L”: input
FRS
O
Static driver segment output pin
This pin is used together with the M pin.
DISP
I/O
LCD display blanking control input/output
When KS0717 is used in master/slave mode
(multi-chip), the DISP pins must be connected each other.
− MS = “H”: output
− MS = “L”: input
INTRS
I
Internal resistor select pin
This pin selects the resistors for adjusting V0 voltage level.
− INTRS = "H": use the internal resistors
− INTRS = "L": use the external resistors
V0 voltage is controlled by VR pin and external resistive divider.
HPMB
I
Power control pin of the power supply circuit for LCD driver
− HPMB = "L": high power mode
− HPMB = "H": normal mode
This pin is valid in master mode
TEMPS
I
Test pin
This pin is fixed to High or Low.


Similar Part No. - KS0717

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0713 SAMSUNG-KS0713 Datasheet
849Kb / 67P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0715 SAMSUNG-KS0715 Datasheet
837Kb / 60P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
   81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
More results

Similar Description - KS0717

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0717 SAMSUNG-S6B0717 Datasheet
910Kb / 65P
   55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
KS0715 SAMSUNG-KS0715 Datasheet
837Kb / 60P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715 SAMSUNG-S6B0715 Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0716 SAMSUNG-S6B0716 Datasheet
816Kb / 57P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
   160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
S6B0718 SAMSUNG-S6B0718 Datasheet
703Kb / 64P
   104 SEG / 81 COM DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
   80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
   81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com