Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0473001004 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0473001004
Description  1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drivewith Standard Type Screw, Right Angle, 0.76關m (30關") Gold (Au) Plating, Unplated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0473001004 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0473001004 Datasheet HTML 1Page - Molex Electronics Ltd. 0473001004 Datasheet HTML 2Page - Molex Electronics Ltd. 0473001004 Datasheet HTML 3Page - Molex Electronics Ltd. 0473001004 Datasheet HTML 4Page - Molex Electronics Ltd. 0473001004 Datasheet HTML 5Page - Molex Electronics Ltd. 0473001004 Datasheet HTML 6Page - Molex Electronics Ltd. 0473001004 Datasheet HTML 7Page - Molex Electronics Ltd. 0473001004 Datasheet HTML 8Page - Molex Electronics Ltd. 0473001004 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image


Similar Part No. - 0473001004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0473001000 MOLEX6-0473001000 Datasheet
544Kb / 9P
   1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive with Standard Type Screw
0473001001 MOLEX6-0473001001 Datasheet
544Kb / 9P
   1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive with Standard Type Screw, Right Angle, Gold (Au) Flash Plating, Phosphor Bronze Matt Tin Plated Screw Nail
0473001002 MOLEX6-0473001002 Datasheet
539Kb / 9P
   1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive with Standard Type Screw
0473001003 MOLEX6-0473001003 Datasheet
544Kb / 9P
   1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive with Standard Type Screw, Right Angle, 0.38關m (15關") Gold (Au) Plating, Phosphor Bronze Matt Tin Plated Screw Nail
0473001005 MOLEX6-0473001005 Datasheet
543Kb / 9P
   1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive with Standard Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com