Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS0641 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KS0641
Description  6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS0641 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button KS0641 Datasheet HTML 3Page - Samsung semiconductor KS0641 Datasheet HTML 4Page - Samsung semiconductor KS0641 Datasheet HTML 5Page - Samsung semiconductor KS0641 Datasheet HTML 6Page - Samsung semiconductor KS0641 Datasheet HTML 7Page - Samsung semiconductor KS0641 Datasheet HTML 8Page - Samsung semiconductor KS0641 Datasheet HTML 9Page - Samsung semiconductor KS0641 Datasheet HTML 10Page - Samsung semiconductor KS0641 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
KS0641
7
PIN DESCRIPTIONS
Symbol
Pin Name
Description
VDD1
Logic power supply
3.0- 5.5 V
VDD2
Driver power supply
3.0 - 5.5 V
VSS1
Logic ground
Ground (0 V)
VSS2
Driver ground
Ground (0 V)
Y1 – Y309
Driver outputs
The D/A converted 64 gray scale analog voltage is output.
D0<0:5>
- D2<0:5>
Display data input
The display data is input with a width of 18 bits,
gray-scale data (6 bits) by 3 dots (R,G,B) DX0: LSB, DX5: MSB
SHL
Shift direction control input
This pin controls the direction of shift register in cascade connection.
The shift direction of the shift registers is as follows.
SHL = H: DIO1 input, Y1
→ Y309, DIO2 output
SHL = L: DIO2 input, Y309
→ Y1, DIO1 output
DIO1
Start pulse input / output
SHL = H: Used as the start pulse input pin.
SHL = L: Used as the start pulse output pin.
DIO2
Start pulse input / output
SHL = H: Used as the start pulse output pin.
SHL = L: Used as the start pulse input pin.
CLK2
Shift clock input
Refer to the shift register's shift clock input. the display data is loaded
to the data register at the rising edge of CLK2.
CLK1
Latch input
Latches the contents of the data register at rising edge and transfers
them to the D/A converter. Also, after CLK1 input, clears the internal
shift register contents. After 1 pulse input on start, operates normally.
CLK1 input timing refers to the "Relationships between CLK1 start
pulse (DIO1, DIO2) and blanking period" of the switching
characteristic waveform.
SELT
300 / 309CH output
control input
This pin controls 300CH or 309CH output.
SELT = H: 309CH output
→ Y151 to Y159 are useless.
SELT = L: 300CH output.
→ Y151 to Y159 are useless.
This pin is internally pulled-up.(Rpu = 30 k
Ω)
VGMA1
VGMA11
Gamma corrected power
supplies
Input the gamma corrected power supplies from external source.
VDD2
≥ VGMA1 > VGMA2 > ……… > VGMA10 > VGMA11 ≥ VSS2
Keep gray-scale power supply unchanged during the gray-scale
voltage output.
TESTB
Test input
TESTB = H: Normal operation mode
TESTB = L: Test mode (OP AMP CUT-OFF)
This pin is internally pulled-up.(Rpu = 30k
Ω)


Similar Part No. - KS0641

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0647 SAMSUNG-KS0647 Datasheet
101Kb / 15P
   256 CHANNEL TFT-LCD GATE DRIVER
KS0649 SAMSUNG-KS0649 Datasheet
101Kb / 15P
   256 CHANNEL TFT-LCD GATE DRIVER
More results

Similar Description - KS0641

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6C0641 SAMSUNG-S6C0641 Datasheet
216Kb / 22P
   6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
S6C1652 SAMSUNG-S6C1652 Datasheet
198Kb / 19P
   6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
KS0652 SAMSUNG-KS0652 Datasheet
156Kb / 19P
   6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD16640C RENESAS-PD16640C_15 Datasheet
238Kb / 18P
   300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
logo
NEC
UPD16640C NEC-UPD16640C Datasheet
105Kb / 16P
   300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
logo
Sharp Corporation
LH168P SHARP-LH168P Datasheet
250Kb / 15P
   309-output TFT-LCD Source Driver IC
logo
Samsung semiconductor
KS0668 SAMSUNG-KS0668 Datasheet
171Kb / 19P
   6 BIT 384 CHANNEL TFT-LCD SOURCE DRIVER
KS0678 SAMSUNG-KS0678 Datasheet
187Kb / 19P
   6 BIT 420 CHANNEL TFT-LCD SOURCE DRIVER
S6C0676 SAMSUNG-S6C0676 Datasheet
188Kb / 19P
   6 BIT 480 CHANNEL TFT-LCD SOURCE DRIVER
S6C0678 SAMSUNG-S6C0678 Datasheet
209Kb / 19P
   6 BIT 420 CHANNEL TFT-LCD SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com