Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM681000BLGE-7 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # KM681000BLGE-7
Description  128K x8 bit Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681000BLGE-7 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button KM681000BLGE-7 Datasheet HTML 3Page - Samsung semiconductor KM681000BLGE-7 Datasheet HTML 4Page - Samsung semiconductor KM681000BLGE-7 Datasheet HTML 5Page - Samsung semiconductor KM681000BLGE-7 Datasheet HTML 6Page - Samsung semiconductor KM681000BLGE-7 Datasheet HTML 7Page - Samsung semiconductor KM681000BLGE-7 Datasheet HTML 8Page - Samsung semiconductor KM681000BLGE-7 Datasheet HTML 9Page - Samsung semiconductor KM681000BLGE-7 Datasheet HTML 10Page - Samsung semiconductor KM681000BLGE-7 Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PRELIMINARY
Revision 0.3
KM681000B Family
CMOS SRAM
April 1996
32 THIN SMALL OUTLINE PACKAGE TYPE I (0820F)
#32
1.00 ¡¾ 0.10
0.039 ¡¾ 0.004
MAX
8.40
0.331
#1
0.50
(
)
0.020
18.40 ¡¾ 0.10
0.724 ¡¾ 0.004
0.45 ~0.75
0.018 ~0.030
20.00 ¡¾ 0.20
0.787 ¡¾ 0.008
#17
+0.10
0.15
-0.05
+0.004
0.006
-0.002
0~8¡É
+0.10
0.20
-0.05
+0.004
0.008
-0.002
0.50
0.0197
0.25
(
)
0.010
MIN
0.05
0.002
MAX
1.20
0.047
TYP
0.25
0.010
#16
PACKAGE DIMENSIONS
Units :MillimeterS(Inches)
32 THIN SMALL OUTLINE PACKAGE TYPE I (0820R)
#32
1.00 ¡¾ 0.10
0.039 ¡¾ 0.004
#1
0.50
(
)
0.020
18.40 ¡¾ 0.10
0.724 ¡¾ 0.004
0.45 ~0.75
0.018 ~0.030
20.00 ¡¾ 0.20
0.787 ¡¾ 0.008
#17
+0.10
0.15
-0.05
+0.004
0.006
-0.002
0~8¡É
+0.10
0.20
-0.05
+0.004
0.008
-0.002
0.50
0.0197
0.25
(
)
0.010
MIN
0.05
0.002
MAX
1.20
0.047
TYP
0.25
0.010
#16


Similar Part No. - KM681000BLGE-7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL SAMSUNG-KM681000CL Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CL-L SAMSUNG-KM681000CL-L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5 SAMSUNG-KM681000CLG-5 Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
KM681000CLG-5L SAMSUNG-KM681000CLG-5L Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

Similar Description - KM681000BLGE-7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008V2C-TB70 SAMSUNG-K6T1008V2C-TB70 Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM641FT8V EMLSI-EM641FT8V Datasheet
435Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8 EMLSI-EM641FT8 Datasheet
387Kb / 10P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8S EMLSI-EM641FT8S Datasheet
863Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
EM641FT8T EMLSI-EM641FT8T Datasheet
475Kb / 11P
   512K x8 bit Low Power Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com