Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM681002AI-20 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KM681002AI-20
Description  128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681002AI-20 Datasheet(HTML) 3 Page - Samsung semiconductor

  KM681002AI-20 Datasheet HTML 1Page - Samsung semiconductor KM681002AI-20 Datasheet HTML 2Page - Samsung semiconductor KM681002AI-20 Datasheet HTML 3Page - Samsung semiconductor KM681002AI-20 Datasheet HTML 4Page - Samsung semiconductor KM681002AI-20 Datasheet HTML 5Page - Samsung semiconductor KM681002AI-20 Datasheet HTML 6Page - Samsung semiconductor KM681002AI-20 Datasheet HTML 7Page - Samsung semiconductor KM681002AI-20 Datasheet HTML 8Page - Samsung semiconductor KM681002AI-20 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
KM681002A, KM681002AI
CMOS SRAM
PRELIMINARY
Rev 4.0
- 3 -
Ferruary 1998
ABSOLUTE MAXIMUM RATINGS*
* Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VIN, VOUT
-0.5 to 7.0
V
Voltage on VCC Supply Relative to VSS
VCC
-0.5 to 7.0
V
Power Dissipation
PD
1.0
W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Commercial
TA
0 to 70
°C
Industrial
TA
-40 to 85
°C
RECOMMENDED DC OPERATING CONDITIONS(TA=0 to 70
°C)
NOTE: The above parameters are also guaranteed at industrial temperature range.
* VIL(Min) = -2.0V a.c(Pulse Width
≤10ns) for I≤20mA
** VIH(Max) = VCC + 2.0V a.c (Pulse Width
≤10ns) for I≤20mA
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Ground
VSS
0
0
0
V
Input High Voltage
VIH
2.2
-
VCC + 0.5**
V
Input Low Voltage
VIL
-0.5*
-
0.8
V
DC AND OPERATING CHARACTERISTICS(TA=0 to 70
°C, Vcc=5.0V±10%, unless otherwise specified)
NOTE: The above parameters are also guaranteed at industrial temperature range.
* VCC=5.0V, Temp.=25
°C
Parameter
Symbol
Test Conditions
Min
Max
Unit
Input Leakage Current
ILI
VIN=VSS to VCC
-2
2
µA
Output Leakage Current
ILO
CS=VIH or OE=VIH or WE=VIL
VOUT=VSS to VCC
-2
2
µA
Operating Current
ICC
Min. Cycle, 100% Duty
CS=VIL, VIN=VIH or VIL,
IOUT=0mA
12ns
-
170
mA
15ns
-
165
20ns
-
160
Standby Current
ISB
Min. Cycle, CS=VIH
-
25
mA
ISB1
f=0MHz, CS
≥VCC-0.2V,
VIN
≥VCC-0.2V or VIN≤0.2V
-
8
mA
Output Low Voltage Level
VOL
IOL=8mA
-
0.4
V
Output High Voltage Level
VOH
IOH=-4mA
2.4
-
V
VOH1*
IOH1=-0.1mA
-
3.95
V
CAPACITANCE*(TA=25
°C, f=1.0MHz)
* NOTE : Capacitance is sampled and not 100% tested.
Item
Symbol
Test Conditions
MIN
Max
Unit
Input/Output Capacitance
CI/O
VI/O=0V
-
8
pF
Input Capacitance
CIN
VIN=0V
-
6
pF


Similar Part No. - KM681002AI-20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002B-10 SAMSUNG-KM681002B-10 Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002B-12 SAMSUNG-KM681002B-12 Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002B-8 SAMSUNG-KM681002B-8 Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002BI-10 SAMSUNG-KM681002BI-10 Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
More results

Similar Description - KM681002AI-20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1008C1A- SAMSUNG-K6R1008C1A- Datasheet
168Kb / 8P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1B- SAMSUNG-K6R1008C1B- Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
KM681002C SAMSUNG-KM681002C Datasheet
199Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM5V Operating. Operated at Commercial and Industrial Temperature Ranges.
KM641003A SAMSUNG-KM641003A Datasheet
123Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
KM684002 SAMSUNG-KM684002 Datasheet
149Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial, Extended and Industrial Temperature Range.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
KM641001A SAMSUNG-KM641001A Datasheet
127Kb / 8P
   256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
KM68257C SAMSUNG-KM68257C Datasheet
190Kb / 10P
   32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com