Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM68512B Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KM68512B
Description  64Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68512B Datasheet(HTML) 4 Page - Samsung semiconductor

  KM68512B Datasheet HTML 1Page - Samsung semiconductor KM68512B Datasheet HTML 2Page - Samsung semiconductor KM68512B Datasheet HTML 3Page - Samsung semiconductor KM68512B Datasheet HTML 4Page - Samsung semiconductor KM68512B Datasheet HTML 5Page - Samsung semiconductor KM68512B Datasheet HTML 6Page - Samsung semiconductor KM68512B Datasheet HTML 7Page - Samsung semiconductor KM68512B Datasheet HTML 8Page - Samsung semiconductor KM68512B Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Revision 0.0
KM68512B Family
CMOS SRAM
January 1998
4
Advance
RECOMMENDED DC OPERATING CONDITIONS 1)
Note
1. Commercial Product : TA=0 to 70
°C, unless otherwise specified
Industrial Product : TA=-40 to 85
°C, unless otherwise specified
2. Overshoot : VCC+3.0V in case of pulse width≤30ns
3. Undershoot : -3.0V in case of pulse width
≤30ns
4. Overshoot and undershoot is sampled, not 100% tested
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
Vcc
4.5
5.0
5.5
V
Ground
Vss
0
0
0
V
Input high voltage
VIH
2.2
-
Vcc+0.5V2)
V
Input low voltage
VIL
-0.53)
-
0.8
V
CAPACITANCE 1)(f=1MHz, TA=25
°C)
1. Capacitance is sampled, not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
6
pF
Input/Output capacitance
CIO
VIO=0V
-
8
pF
DC AND OPERATING CHARACTERISTICS
1. Industrial product = 15
µA
Item
Symbol
Test Conditions
Min
Typ
Max Unit
Input leakage current
ILI
VIN=Vss to Vcc
-1
-
1
µA
Output leakage current
ILO
CS1=VIH or CS2=VIL or OE=VIH or WE=VIL, VIO=Vss to Vcc
-1
-
1
µA
Operating power supply
ICC
IIO=0mA, CS1=VIL, CS2=VIH, VIN=VIL or VIH, Read
-
7
10
mA
Average operating current
ICC1
Cycle time=1§Á, 100% duty, IIO=0mA
CS1
≤0.2V, CS2≥VCC-0.2V, VIN≤0.2V or VIN≥Vcc -0.2V
Read
-
-
5
mA
Write
-
-
30
mA
ICC2
Cycle time=Min, 100% duty, IIO=0mA, CS1=VIL, CS2=VIH, VIN=VIL or VIH
-
-
60
mA
Output low voltage
VOL
IOL=2.1mA
-
-
0.4
V
Output high voltage
VOH
IOH=-1.0mA
2.4
-
-
V
Standby Current(TTL)
ISB
CS1=VIH, CS2=VIL, Other inputs =VIL or VIH
-
-
3
mA
Standby Current (CMOS)
ISB1
CS1
≥Vcc-0.2V, CS2≥Vcc-0.2V or CS2≤0.2V
-
1
101)
µA


Similar Part No. - KM68512B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM68512A SAMSUNG-KM68512A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM68512AL SAMSUNG-KM68512AL Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM68512AL-L SAMSUNG-KM68512AL-L Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM68512ALG-5 SAMSUNG-KM68512ALG-5 Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM68512ALG-5L SAMSUNG-KM68512ALG-5L Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - KM68512B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6L0908C2A SAMSUNG-K6L0908C2A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM68512A SAMSUNG-KM68512A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM6264B SAMSUNG-KM6264B Datasheet
152Kb / 10P
   8Kx8 bit Low Power CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com