Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM6264BLG-12L Datasheet(PDF) 10 Page - Samsung semiconductor

Part # KM6264BLG-12L
Description  8Kx8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM6264BLG-12L Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button KM6264BLG-12L Datasheet HTML 2Page - Samsung semiconductor KM6264BLG-12L Datasheet HTML 3Page - Samsung semiconductor KM6264BLG-12L Datasheet HTML 4Page - Samsung semiconductor KM6264BLG-12L Datasheet HTML 5Page - Samsung semiconductor KM6264BLG-12L Datasheet HTML 6Page - Samsung semiconductor KM6264BLG-12L Datasheet HTML 7Page - Samsung semiconductor KM6264BLG-12L Datasheet HTML 8Page - Samsung semiconductor KM6264BLG-12L Datasheet HTML 9Page - Samsung semiconductor KM6264BLG-12L Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
KM6264B Family
ELECTRONICS
CMOS SRAM
Revision. 0.0
Auust. 1996
10
PACKAGE DIMENSION
28 PIN PLASTIC SMALL OUTLINE PACKAGE (450mil )
Unit : Millimeters (Inches)
28 PIN PLASTIC DUAL INLINE PACKAGE (600mil)
0 ~ 8°
1.02 ± 0.20
0.040± 0.008
11.81 ± 0.30
0.465 ± 0.012
0.15
0.006
+ 0.10
- 0.05
+ 0.004
- 0.002
#28
8.38 ± 0.20
0.330 ± 0.008
1.27
0.050
#15
#1
#14
0.41 ± 0.10
0.016 ± 0.004
18.69
0.736
MAX
0.05
0.002
MIN
3.00
0.118
MAX
0.89
0.035
18.29 ± 0.20
0.720± 0.008
2.59 ± 0.20
0.102 ± 0.008
0.10
0.004
MAX
0 ~ 15°
15.24
0.600
0.25
0.010
+ 0.10
- 0.05
+ 0.004
- 0.002
#1
#28
#14
#15
36.72
1.446
MAX
5.08
0.200
MAX
1.65
0.065
2.54
0.100
0.46 ± 0.10
0.018 ± 0.004
1.52 ± 0.10
0.060 ± 0.004
3.81 ± 0.20
0.150 ± 0.008
3.30 ± 0.30
0.130 ± 0.012
36.32 ± 0.20
1.430 ± 0.008
0.38
0.015
MIN


Similar Part No. - KM6264BLG-12L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM62256 SAMSUNG-KM62256 Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-4 SAMSUNG-KM62256CLG-4 Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-4L SAMSUNG-KM62256CLG-4L Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - KM6264BLG-12L

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164LL PYRAMID-P4C164LL Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C186 CYPRESS-CY7C186 Datasheet
157Kb / 9P
   8Kx8 Static RAM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM68512B SAMSUNG-KM68512B Datasheet
126Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6L0908C2A SAMSUNG-K6L0908C2A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com