Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43650-1011 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43650-1011
Description  3.00mm (.118") Pitch Micro-Fit 3.0??Header, Surface Mount Compatible, Single Row,Right Angle, with PCB Press-fit Metal Retention Clip, 10 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

43650-1011 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43650-1011 Datasheet HTML 1Page - Molex Electronics Ltd. 43650-1011 Datasheet HTML 2Page - Molex Electronics Ltd. 43650-1011 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0436501011
Status:
Active
Overview:
microfit_30
Description:
3.00mm (.118") Pitch Micro-Fit 3.0™ Header, Surface Mount Compatible, Single Row,
Right Angle, with PCB Press-fit Metal Retention Clip, 10 Circuits, 0.76µm (30µ") Gold
(Au) Selective Plating, Glow Wire Compatible
Documents:
3D Model
Product Specification PS-43650 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
General
Product Family
PCB Headers
Series
43650
Application
Wire-to-Board
Comments
Glow Wire Equivalent Part Number 436501011. High
Temperature, Square Pin, Solder Type
Overview
microfit_30
Product Literature Order No
USA-106
Product Name
Micro-Fit 3.0™
Physical
Breakaway
No
Circuits (Loaded)
10
Circuits (maximum)
10
Color - Resin
Black
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Compliant
Yes
Mated Height (in)
0.275 In
Mated Height (mm)
6.98 mm
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.50
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43650Series
Mates With
43645 Micro-Fit 3.0™ Receptacle Housing


Similar Part No. - 43650-1011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43650-1010 MOLEX6-43650-1010 Datasheet
174Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Header, Surface Mount Compatible, Single Row,Right Angle, with PCB Press-fit Metal Retention Clip, 10 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
43650-1012 MOLEX6-43650-1012 Datasheet
164Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Header, Surface Mount Compatible, Single Row, Right Angle, with Solder Tab, 10 Circuits, Tin (Sn) Plating, Glow Wire Compatible
43650-1012 MOLEX-43650-1012 Datasheet
153Kb / 1P
   MICRO FIT (3.0) SINGLE ROW / RIGHT ANGLE SMT / NAILS / REELS
43650-1013 MOLEX6-43650-1013 Datasheet
164Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 Header, Surface Mount Compatible, Single Row, Right Angle, with Solder Tab, 10
43650-1013 MOLEX-43650-1013 Datasheet
153Kb / 1P
   MICRO FIT (3.0) SINGLE ROW / RIGHT ANGLE SMT / NAILS / REELS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com