Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

442450040 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 442450040
Description  1.27mm (.050") Pitch SliderZ??Board-to-Board Connector, Hermaphroditic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

442450040 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  442450040 Datasheet HTML 1Page - Molex Electronics Ltd. 442450040 Datasheet HTML 2Page - Molex Electronics Ltd. 442450040 Datasheet HTML 3Page - Molex Electronics Ltd. 442450040 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0442450040
Status:
Active
Description:
1.27mm (.050") Pitch SliderZ™ Board-to-Board Connector, Hermaphroditic
Documents:
3D Model
Product Specification PS-44245-999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
General
Product Family
PCB Headers
Series
44245
Application
Board-to-Board
Product Name
SliderZ™
Physical
Breakaway
No
Circuits (Loaded)
40
Circuits (maximum)
40
Durability (mating cycles max)
1,000
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.120 In
PC Tail Length (mm)
3.05 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.056 In
PCB Thickness Recommended (mm)
1.42 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1.25A
Voltage - Maximum
30V AC (RMS)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44245Series


Similar Part No. - 442450040

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
442450060 MOLEX6-442450060 Datasheet
321Kb / 4P
   1.27mm (.050") Pitch SliderZ??Board-to-Board Connector, Hermaphroditic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com