Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM6264B Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KM6264B
Description  8Kx8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM6264B Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KM6264B Datasheet HTML 2Page - Samsung semiconductor KM6264B Datasheet HTML 3Page - Samsung semiconductor KM6264B Datasheet HTML 4Page - Samsung semiconductor KM6264B Datasheet HTML 5Page - Samsung semiconductor KM6264B Datasheet HTML 6Page - Samsung semiconductor KM6264B Datasheet HTML 7Page - Samsung semiconductor KM6264B Datasheet HTML 8Page - Samsung semiconductor KM6264B Datasheet HTML 9Page - Samsung semiconductor KM6264B Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
KM6264B Family
ELECTRONICS
CMOS SRAM
Revision. 0.0
Auust. 1996
6
KM6264BL
KM6264BL-L
KM6264BLE
KM6264BLE-L
KM6264BLI
KM6264BLI-L
Vcc for data retention
Data retention current
Data retention set-up time
Recovery time
DATA RETENTION CHARACTERISTICS
Vdr
Idr
tSDR
tRDR
/CS***¡ ÃVcc-0.2V
Vcc=3.0V
/CS¡ ÃVcc-0.2V
See data retention
waveform
Typ**
-
1
0.5
-
-
-
-
-
-
Unit
V
uA
ms
L-Ver
LL-Ver
L-Ver
LL-Ver
L-Ver
LL-Ver
Min
2.0
-
-
-
-
-
-
0
5
Max
5.5
50
5
50
25
50
25
-
-
* 1) Commercial Product : Ta=0 to 70 ° C, unless otherwise specified
2) Extended Product : Ta=-25 to 85 ° C, unless otherwise specified
3) Industrial Product : Ta=-40 to 85 ° C, unless otherwise specified
** Ta=25 ° C
*** /CS1 ¡ Ã
Vcc-0.2, CS2 ¡ Ã
Vcc-0.2(/CS1 Controlled) or CS2 ¡ Ã
0.2(CS2 Controlled)
Item
Symbol
Test Condition*
DATA RETENTION TIMING DIAGRAM
Vcc
4.5V
2.2V
/CS1
GND
/CS1¡ Ã
Vcc-0.2V
Vdr
tSDR
tRDR
Data retention mode
1) /CS1 controlled
Vcc
4.5V
CS2
0.4V
GND
CS2¡ Â
0.2V
Vdr
tSDR
tRDR
Data retention mode
2) CS2 controlled


Similar Part No. - KM6264B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM62256 SAMSUNG-KM62256 Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-4 SAMSUNG-KM62256CLG-4 Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-4L SAMSUNG-KM62256CLG-4L Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - KM6264B

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164LL PYRAMID-P4C164LL Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C186 CYPRESS-CY7C186 Datasheet
157Kb / 9P
   8Kx8 Static RAM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM68512B SAMSUNG-KM68512B Datasheet
126Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6L0908C2A SAMSUNG-K6L0908C2A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com