Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0439382204 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0439382204
Description  10.00mm (.393") Pitch Mini-Fit Sr.??Plug Housing, Dual Row, Panel Mount, 12 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0439382204 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0439382204 Datasheet HTML 1Page - Molex Electronics Ltd. 0439382204 Datasheet HTML 2Page - Molex Electronics Ltd. 0439382204 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0439382204
Status:
Active
Overview:
minifit_sr
Description:
10.00mm (.393") Pitch Mini-Fit Sr.™ Plug Housing, Dual Row, Panel Mount, 12 Circuits
Documents:
3D Model
Product Specification PS-42815-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
43938
Overview
minifit_sr
Product Name
Mini-Fit Sr.™
Physical
Circuits (maximum)
12
Color - Resin
Black
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface (in)
0.394 In
Pitch - Mating Interface (mm)
10.00 mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
50A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-45286-002
Product Specification
PS-42815-001, RPS-42815-001, RPS-42815-012,
RPS-42815-013, RPS-42815-015
Sales Drawing
SD-43938-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43938Series
Mates With
43914
Use With
43980-1001 Mini-Fit Sr.™ Daul Row TPA™
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0439382204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0439382201 MOLEX6-0439382201 Datasheet
185Kb / 3P
   10.00mm (.393") Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 6 Circuits
0439382202 MOLEX6-0439382202 Datasheet
185Kb / 3P
   10.00mm (.393") Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 8 Circuits
0439382203 MOLEX6-0439382203 Datasheet
185Kb / 3P
   10.00mm (.393") Pitch Mini-Fit Sr.??Plug Housing, Dual Row, Panel Mount, 10 Circuits
0439382205 MOLEX6-0439382205 Datasheet
185Kb / 3P
   10.00mm (.393") Pitch Mini-Fit Sr. Plug Housing, Dual Row, Panel Mount, 14 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com