Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45970-4715 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 45970-4715
Description  1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug, 400 Circuits, 7.00mm (.275") Unmated Height, 10 Rows, Lead Free
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

45970-4715 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 45970-4715 Datasheet HTML 4Page - Molex Electronics Ltd. 45970-4715 Datasheet HTML 5Page - Molex Electronics Ltd. 45970-4715 Datasheet HTML 6Page - Molex Electronics Ltd. 45970-4715 Datasheet HTML 7Page - Molex Electronics Ltd. 45970-4715 Datasheet HTML 8Page - Molex Electronics Ltd. 45970-4715 Datasheet HTML 9Page - Molex Electronics Ltd. 45970-4715 Datasheet HTML 10Page - Molex Electronics Ltd. 45970-4715 Datasheet HTML 11Page - Molex Electronics Ltd. 45970-4715 Datasheet HTML 12Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image


Similar Part No. - 45970-4715

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
45970-4115 MOLEX6-45970-4115 Datasheet
1Mb / 12P
   1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug, 400 Circuits, 2.00mm (.078") Unmated Height, 10 Rows, Lead Free
45970-4117 MOLEX6-45970-4117 Datasheet
1Mb / 12P
   1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug, 400 Circuits, 2.00mm (.078") Unmated Height, 10 Rows
45970-4185 MOLEX6-45970-4185 Datasheet
1Mb / 12P
   1.27mm (.050") x 1.27mm (.050") Pitch SEARAY Plug, 320 Circuits, 2.00mm (.078") Unmated Height, 8 Rows, Lead Free
45970-4215 MOLEX6-45970-4215 Datasheet
1Mb / 12P
   1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug, 400 Circuits, 3.00mm (.118") Unmated Height, 8 Rows, Lead Free
45970-4311 MOLEX-45970-4311 Datasheet
200Kb / 2P
   1.27 by 1.27mm (.050 by .050?? Pitch SEARAY* Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com