Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM416C1004C-6 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KM416C1004C-6
Description  1M x 16Bit CMOS Dynamic RAM with Extended Data Out
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416C1004C-6 Datasheet(HTML) 1 Page - Samsung semiconductor

  KM416C1004C-6 Datasheet HTML 1Page - Samsung semiconductor KM416C1004C-6 Datasheet HTML 2Page - Samsung semiconductor KM416C1004C-6 Datasheet HTML 3Page - Samsung semiconductor KM416C1004C-6 Datasheet HTML 4Page - Samsung semiconductor KM416C1004C-6 Datasheet HTML 5Page - Samsung semiconductor KM416C1004C-6 Datasheet HTML 6Page - Samsung semiconductor KM416C1004C-6 Datasheet HTML 7Page - Samsung semiconductor KM416C1004C-6 Datasheet HTML 8Page - Samsung semiconductor KM416C1004C-6 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
KM416C1004C, KM416C1204C
CMOS DRAM
KM416V1004C, KM416V1204C
This is a family of 1,048,576 x 16 bit Extended Data Out CMOS DRAMs. Extended Data Out Mode offers high speed random access of
memory cells within the same row, so called Hyper Page Mode. Power supply voltage (+5.0V or +3.3V), refresh cycle (1K Ref. or 4K
Ref.), access time (-45, -5 or -6), power consumption(Normal or Low power) and package type(SOJ or TSOP-II) are optional features of
this family. All of this family have CAS-before-RAS refresh, RAS-only refresh and Hidden refresh capabilities. Furthermore, Self-refresh
operation is available in L-version. This 1Mx16 EDO Mode DRAM family is fabricated using Samsung
′ s advanced CMOS process to
realize high band-width, low power consumption and high reliability. It may be used as graphic memory unit for microcomputer, personal
computer and portable machines.
• Part Identification
- KM416C1004C/C-L (5V, 4K Ref.)
- KM416C1204C/C-L (5V, 1K Ref.)
- KM416V1004C/C-L (3.3V, 4K Ref.)
- KM416V1204C/C-L (3.3V, 1K Ref.)
• Extended Data Out Mode operation
(Fast Page Mode with Extended Data Out)
• 2 CAS Byte/Word Read/Write operation
• CAS-before-RAS refresh capability
• RAS-only and Hidden refresh capability
• Self-refresh capability (L-ver only)
• TTL(5V)/LVTTL(3.3V) compatible inputs and outputs
• Early Write or output enable controlled write
• JEDEC Standard pinout
• Available in plastic SOJ 400mil and TSOP(II) packages
• Single +5V
±10% power supply (5V product)
• Single +3.3V
±0.3V power supply (3.3V product)
Control
Clocks
VBB Generator
Refresh Timer
Refresh Control
Refresh Counter
Row Address Buffer
Col. Address Buffer
Row Decoder
Column Decoder
Lower
Data out
Buffer
RAS
UCAS
LCAS
W
Vcc
Vss
DQ0
to
DQ7
A0-A11
(A0 - A9) *1
A0 - A7
(A0 - A9) *1
Memory Array
1,048,576 x16
Cells
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.
1M x 16Bit CMOS Dynamic RAM with Extended Data Out
DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
• Refresh Cycles
Part
NO.
VCC
Refresh
cycle
Refresh period
Normal
L-ver
C1004C
5V
4K
64ms
128ms
V1004C
3.3V
C1204C
5V
1K
16ms
V1204C
3.3V
• Performance Range
Speed
tRAC
tCAC
tRC
tHPC
Remark
-45
45ns
13ns
69ns
16ns
5V/3.3V
-5
50ns
15ns
84ns
20ns
5V/3.3V
-6
60ns
17ns
104ns
25ns
5V/3.3V
• Active Power Dissipation
Speed
3.3V
5V
4K
1K
4K
1K
-45
-
-
550
825
-5
324
504
495
770
-6
288
468
440
715
Unit : mW
Upper
Data in
Buffer
Upper
Data out
Buffer
Lower
Data in
Buffer
DQ8
to
DQ15
OE
Note) *1 : 1K Refresh


Similar Part No. - KM416C1004C-6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results

Similar Description - KM416C1004C-6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1004A SAMSUNG-KM416V1004A Datasheet
1Mb / 35P
   1M x 16 BIT CMOS DYNAMIC RAM WITH EXTENDED DATA OUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com