Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0436500804 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0436500804
Description  3.00mm (.118") Pitch Micro-Fit 3.0??Header, Surface Mount Compatible, Single Row,Right Angle, with Press-fit Metal Retention Clip, 8 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0436500804 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0436500804 Datasheet HTML 1Page - Molex Electronics Ltd. 0436500804 Datasheet HTML 2Page - Molex Electronics Ltd. 0436500804 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
5A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
30
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0321
Product Specification
PS-43650
Sales Drawing
SD-43650-002
Test Summary
TS-43045-002
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0436500804

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0436500804 MOLEX1-0436500804 Datasheet
54Kb / 2P
   Micro-Fit 3.0 Right Angle Header, 3.00mm Pitch, Single Row, 8 Circuits
0436500804 MOLEX1-0436500804_18 Datasheet
54Kb / 2P
   Micro-Fit 3.0 Right Angle Header, 3.00mm Pitch, Single Row, 8 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com