Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44432-2003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 44432-2003
Description  3.00mm (.118") Pitch Micro-Fit 3.0 BMI??Header, Surface Mount Compatible, Dual Row, Vertical, 20 Circuits, with PCB Polarizing Pegs, PA Polyamide Nylon 4/6
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

44432-2003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  44432-2003 Datasheet HTML 1Page - Molex Electronics Ltd. 44432-2003 Datasheet HTML 2Page - Molex Electronics Ltd. 44432-2003 Datasheet HTML 3Page - Molex Electronics Ltd. 44432-2003 Datasheet HTML 4Page - Molex Electronics Ltd. 44432-2003 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0444322003
Status:
Active
Overview:
microfit_30
Description:
3.00mm (.118") Pitch Micro-Fit 3.0 BMI™ Header, Surface Mount Compatible, Dual
Row, Vertical, 20 Circuits, with PCB Polarizing Pegs, PA Polyamide Nylon 4/6, UL
94V-0, 0.76µm (30µ") Gold (Au) Selective Plating
Documents:
3D Model
Product Specification PS-44300-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
PCB Headers
Series
44432
Application
Board-to-Board, Wire-to-Board
Comments
High Temperature|Square Pin|Offset Through Hole
Mounting|Solder Type
Overview
microfit_30
Product Literature Order No
USA-106
Product Name
Micro-Fit 3.0 BMI™
Physical
Breakaway
No
Circuits (Loaded)
20
Circuits (maximum)
20
Color - Resin
Black
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.130 In
PC Tail Length (mm)
3.30 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44432Series
Mates With
44133-2200 Panel Mount Receptacle,
44769-2003 Vertical Receptacle Header,
44764-2003 Right Angle Receptacle Header


Similar Part No. - 44432-2003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44432-2003 MOLEX-44432-2003 Datasheet
175Kb / 2P
   MICRO FIT (3.0) DUAL ROW VERTICAL BMI HEADER ASSY
2016/04/13
44432-2003 MOLEX-44432-2003 Datasheet
175Kb / 2P
   MICRO FIT (3.0) DUAL ROW VERTICAL BMI HEADER ASSY
2016/04/13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com