Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM416RD8AS Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KM416RD8AS
Description  128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8AS Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KM416RD8AS Datasheet HTML 4Page - Samsung semiconductor KM416RD8AS Datasheet HTML 5Page - Samsung semiconductor KM416RD8AS Datasheet HTML 6Page - Samsung semiconductor KM416RD8AS Datasheet HTML 7Page - Samsung semiconductor KM416RD8AS Datasheet HTML 8Page - Samsung semiconductor KM416RD8AS Datasheet HTML 9Page - Samsung semiconductor KM416RD8AS Datasheet HTML 10Page - Samsung semiconductor KM416RD8AS Datasheet HTML 11Page - Samsung semiconductor KM416RD8AS Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Page 5
KM416RD8AS
Direct RDRAM
Target
Rev. 0.9 July 1999
General Description
Figure 2 is a block diagram of the 128 Mbit Direct RDRAM.
It consists of two major blocks: a “core” block built from
banks and sense amps similar to those found in other types
of DRAM, and a Direct Rambus interface block which
permits an external controller to access this core at up to
1.6GB/s.
Control Registers: The CMD, SCK, SIO0, and SIO1
pins appear in the upper center of Figure 2. They are used to
write and read a block of control registers. These registers
supply the RDRAM configuration information to a
controller and they select the operating modes of the device.
The nine bit REFR value is used for tracking the last
refreshed row. Most importantly, the five bit DEVID speci-
fies the device address of the RDRAM on the Channel.
Clocking: The CTM and CTMN pins (Clock-To-Master)
generate TCLK (Transmit Clock), the internal clock used to
transmit read data. The CFM and CFMN pins (Clock-From-
Master) generate RCLK (Receive Clock), the internal clock
signal used to receive write data and to receive the ROW and
COL pins.
DQA,DQB Pins: These 16 pins carry read (Q) and write
(D) data across the Channel. They are multiplexed/de-multi-
plexed from/to two 64-bit data paths (running at one-eighth
the data frequency) inside the RDRAM.
Banks: The 16Mbyte core of the RDRAM is divided into
sixteen 0.5Mbyte banks, each organized as 512 rows, with
each row containing 64 dualocts, and each dualoct
containing 16 bytes. A dualoct is the smallest unit of data
that can be addressed.
Sense Amps: The RDRAM contains two sets of 17 sense
amps. Each sense amp consists of 512 bytes of fast storage
(256 for DQA and 256 for DQB) and can hold one-half of
one row of one bank of the RDRAM. The sense amp may
hold any of the 512 half-rows of an associated bank.
However, each sense amp is shared between two adjacent
banks of the RDRAM (except for numbers 0, 15, 16, and
31). This introduces the restriction that adjacent banks may
not be simultaneously accessed.
RQ Pins: These pins carry control and address informa-
tion. They are broken into two groups. RQ7..RQ5 are also
called ROW2..ROW0, and are used primarily for controlling
row accesses. RQ4..RQ0 are also called COL4..COL0, and
are used primarily for controlling column accesses.
ROW Pins: The principle use of these three pins is to
manage the transfer of data between the banks and the sense
amps of the RDRAM. These pins are de-multiplexed into a
24-bit ROWA (row-activate) or ROWR (row-operation)
packet.
COL Pins: The principle use of these five pins is to
manage the transfer of data between the DQA/DQB pins and
the sense amps of the RDRAM. These pins are de-multi-
plexed into a 23-bit COLC (column-operation) packet and
either a 17-bit COLM (mask) packet or a 17-bit COLX
(extended-operation) packet.
ACT Command: An ACT (activate) command from an
ROWA packet causes one of the 512 rows of the selected
bank to be loaded to its associated sense amps (two 256 byte
sense amps for DQA and two for DQB).
PRER Command: A PRER (precharge) command from
an ROWR packet causes the selected bank to release its two
associated sense amps, permitting a different row in that
bank to be activated, or permitting adjacent banks to be acti-
vated.
RD Command: The RD (read) command causes one of
the 64 dualocts of one of the sense amps to be transmitted on
the DQA/DQB pins of the Channel.
WR Command: The WR (write) command causes a
dualoct received from the DQA/DQB data pins of the
Channel to be loaded into the write buffer. There is also
space in the write buffer for the BC bank address and C
column address information. The data in the write buffer is
automatically retired (written with optional bytemask) to one
of the 64 dualocts of one of the sense amps during a subse-
quent COP command. A retire can take place during a RD,
WR, or NOCOP to another device, or during a WR or
NOCOP to the same device. The write buffer will not retire
during a RD to the same device. The write buffer reduces the
delay needed for the internal DQA/DQB data path turn-
around.
PREC Precharge: The NOP, RDA and WRA
commands are similar to PREC, RD and WR, except that a
precharge operation is scheduled at the end of the data
transfer. These commands provide a second mechanism for
performing precharge.
PREX Precharge: After a RD command, or after a WR
command with no byte masking (M=0), a COLX packet may
be used to specify an extended operation (XOP). The most
important XOP command is PREX. This command provides
a third mechanism for performing precharge.


Similar Part No. - KM416RD8AS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416RD8AC SAMSUNG-KM416RD8AC Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8ACD-RK70 SAMSUNG-KM416RD8ACD-RK70 Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8ACD-RK80 SAMSUNG-KM416RD8ACD-RK80 Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8AD SAMSUNG-KM416RD8AD Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
More results

Similar Description - KM416RD8AS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416RD8AC SAMSUNG-KM416RD8AC Datasheet
3Mb / 64P
   128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669A SAMSUNG-K4R271669A Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R271669B SAMSUNG-K4R271669B Datasheet
306Kb / 20P
   256K x 16/18 bit x 32s banks Direct RDRAMTM
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
IC42S16102 ICSI-IC42S16102 Datasheet
764Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
Winbond
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com