Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440500004 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 440500004
Description  Modular Jack, Right Angle, Low Profile, 8/8
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

440500004 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  440500004 Datasheet HTML 1Page - Molex Electronics Ltd. 440500004 Datasheet HTML 2Page - Molex Electronics Ltd. 440500004 Datasheet HTML 3Page - Molex Electronics Ltd. 440500004 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
1.5A
Grounding to Panel
Location E, With Offset Panel Grounding Ta
Shielded
Yes
Voltage - Maximum
150V AC (RMS)
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-44050-004
Product Specification
PS-44050-003
Sales Drawing
SD-44050-002
Test Summary
TS-44050-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 440500004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
440500001 MOLEX6-440500001 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
440500005 MOLEX6-440500005 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
440500007 MOLEX6-440500007 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
440500009 MOLEX6-440500009 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
More results

Similar Description - 440500004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0432028104 MOLEX1-0432028104_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8
0446611001 MOLEX1-0446611001_18 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8
0440500002 MOLEX1-0440500002_17 Datasheet
36Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8
0446610002 MOLEX6-0446610002 Datasheet
400Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/8
0440500007 MOLEX6-0440500007 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
0440500003 MOLEX6-0440500003 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
0446611002 MOLEX6-0446611002 Datasheet
400Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/8
0440500005 MOLEX6-0440500005 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
0446610011 MOLEX6-0446610011 Datasheet
400Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/8
0446611001 MOLEX6-0446611001 Datasheet
400Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/8
0440500008 MOLEX6-0440500008 Datasheet
270Kb / 4P
   Modular Jack, Right Angle, Low Profile, 8/8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com