Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

47362-2022 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 47362-2022
Description  1.27mm (.050") Pitch Combo SATA Cable Connector, Right Angle Type, with Arris on bottom surface, with bumps, 0.38關m (15關") Gold (Au), 22 Circuits, Lead Free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

47362-2022 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  47362-2022 Datasheet HTML 1Page - Molex Electronics Ltd. 47362-2022 Datasheet HTML 2Page - Molex Electronics Ltd. 47362-2022 Datasheet HTML 3Page - Molex Electronics Ltd. 47362-2022 Datasheet HTML 4Page - Molex Electronics Ltd. 47362-2022 Datasheet HTML 5Page - Molex Electronics Ltd. 47362-2022 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0473622022
Status:
Active
Overview:
serial_ata_127_host_receptacles
Description:
1.27mm (.050") Pitch Combo SATA Cable Connector, Right Angle Type, with Arris on
bottom surface, with bumps, 0.38µm (15µ") Gold (Au), 22 Circuits, Lead Free
Documents:
3D Model
Product Specification PS-47362-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
47362
Application
Wire-to-Board
Comments
Right Angle Type
Component Type
Receptacle
Overview
serial_ata_127_host_receptacles
Product Name
Serial ATA
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
22
Circuits (maximum)
22
Circuits Detail
Signal 7, Power 15
Color - Resin
Black
Durability (mating cycles max)
50
Gender
Receptacle
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.039 In
PCB Thickness Recommended (mm)
1.00 mm
Packaging Type
Tray
Panel Mount
Yes
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
50
Plating min: Termination (µm)
1.27
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
2
Temperature Range - Operating
-35°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire Size AWG
N/A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47362Series


Similar Part No. - 47362-2022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47362-2020 MOLEX6-47362-2020 Datasheet
322Kb / 6P
   1.27mm (.050") Pitch Combo SATA Cable Connector, Right Angle Type, with Arris on bottom surface, with bumps, Gold(Au) Flash Plating, 22 Circuits, Lead Free
47362-2021 MOLEX6-47362-2021 Datasheet
322Kb / 6P
   1.27mm (.050") Pitch Combo SATA Cable Connector, Right Angle Type, with Arris on bottom surface, with bumps, 0.76關m (30關") Gold(Au) Plating, 22 Circuits, LeadFree
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com