Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KC75118C Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KC75118C
Description  1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KC75118C Datasheet(HTML) 3 Page - Samsung semiconductor

  KC75118C Datasheet HTML 1Page - Samsung semiconductor KC75118C Datasheet HTML 2Page - Samsung semiconductor KC75118C Datasheet HTML 3Page - Samsung semiconductor KC75118C Datasheet HTML 4Page - Samsung semiconductor KC75118C Datasheet HTML 5Page - Samsung semiconductor KC75118C Datasheet HTML 6Page - Samsung semiconductor KC75118C Datasheet HTML 7Page - Samsung semiconductor KC75118C Datasheet HTML 8Page - Samsung semiconductor KC75118C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
KC75118C
1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
3
ABSOLUTE MAXIMUM RATINGS (NOTE)
NOTE: The device can be destroyed, if the applied voltage or temperature is higher than the absolute maximum rating voltage
or temperature.
Table 2. Absolute Maximum Ratings
Characteristics
Symbols
Min.
Max.
Unit
Substrate voltage
SUB - GND
-0.3
40
V
Vertical clock input voltage
Φ
V1, ΦV3, - GND
-0.3
30
V
Φ
V2, ΦV4 - GND
-0.3
17
V
Φ
V1, ΦV3, - VL
-0.3
30
V
Φ
V2, ΦV4 - VL
-0.3
17
V
Φ
V1, ΦV2, ΦV3, ΦV4 - SUB
-40
10
V
Horizontal clock input voltage
Φ
V1, ΦV2, - GND
-0.3
16
V
Φ
H1, ΦH2 - VL
-0.3
16
V
Voltage difference between vertical and
horizontal clock input pins
Φ
V1, - ΦV3
-30
30
V
Φ
V2, - ΦV4
-16
16
V
Φ
H1, ΦH2
-16
16
V
Φ
H1, ΦH2 - ΦV4
-16
16
V
Output clock input voltage
Φ
RG - GND
-0.3
16
V
Protection circuit bias voltage
VL - SUB
-40
0.3
V
Operating temperature
TOP
-10
60
°C
Storage temperature
TSTG
-30
80
°C


Similar Part No. - KC75118C

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC70 KSS-KC70 Datasheet
262Kb / 2P
   HIGH EFFICIENCY MULTICRYSTAL PHOTOVOLTAIC MODULE
KC7050A-C1 KSS-KC7050A-C1 Datasheet
127Kb / 1P
   CMOS/ 1.8V/ 7.0횞5.0mm
KC7050A-C1 KSS-KC7050A-C1 Datasheet
64Kb / 1P
   Clock Oscillators
KC7050A-C1 KSS-KC7050A-C1_18 Datasheet
64Kb / 1P
   Clock Oscillators
KC7050A-C2 KSS-KC7050A-C2 Datasheet
127Kb / 1P
   CMOS/ 2.5V/ 7.0횞5.0mm
More results

Similar Description - KC75118C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5F518NZ03 SAMSUNG-S5F518NZ03 Datasheet
255Kb / 20P
   1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC73125UCA SAMSUNG-KC73125UCA Datasheet
248Kb / 20P
   1/3 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
KC74125C SAMSUNG-KC74125C Datasheet
255Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
A1 PROs co., Ltd.
AI325CA A1PROS-AI325CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for NTSC Camera
logo
Samsung semiconductor
S5F425NX03 SAMSUNG-S5F425NX03 Datasheet
254Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
logo
Sony Corporation
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
ICX054AK SONY-ICX054AK Datasheet
340Kb / 18P
   1/3-inch CCD Image Sensor for NTSC Color Camera
logo
Sanyo Semicon Device
LC9997M SANYO-LC9997M Datasheet
187Kb / 11P
   1/5-Inch Frame Transfer CCD NTSC Color Image Sensor
logo
Samsung semiconductor
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com