Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KC73129UBA Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KC73129UBA
Description  1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KC73129UBA Datasheet(HTML) 5 Page - Samsung semiconductor

  KC73129UBA Datasheet HTML 1Page - Samsung semiconductor KC73129UBA Datasheet HTML 2Page - Samsung semiconductor KC73129UBA Datasheet HTML 3Page - Samsung semiconductor KC73129UBA Datasheet HTML 4Page - Samsung semiconductor KC73129UBA Datasheet HTML 5Page - Samsung semiconductor KC73129UBA Datasheet HTML 6Page - Samsung semiconductor KC73129UBA Datasheet HTML 7Page - Samsung semiconductor KC73129UBA Datasheet HTML 8Page - Samsung semiconductor KC73129UBA Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
KC73129UBA
1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
5
DRIVE CLOCK WAVEFORM CONDITIONS
Read Out Clock Waveform
Vertical Transfer Clock Waveform
0V
100%
90%
10%
0%
VVH1, VVH3
tr
twh
tf
V V H 1
V VH
V V H H
V VL L
V VL
V VL 1
V VL H
V V H L
V V H L
V V H H
¥Õ V 1
V VH
V VHL
V VH H
V V HH
V VHL
V VH 4
V VL
V VL H
V VL L
V V L 4
¥Õ V 4
V VH H
V VHH
V VH
V VHL
V VHL
V VH2
V VL
V VL L
V VL H
V VL 2
¥Õ V 2
V VL 3
V VHH
V VL
V V HL
V VH L
V VH3
V VH H
V VH
V VL H
V VL L
¥Õ V 3
V VH
= ( V VH 1 + V VH 2)/ 2
V VL
= (V VL 3 + V VL 4)/ 2
V ¥Õ V = V VH n - V VL n (n =1~4)
V VH H
= V VH + 0 . 3 V
V VH L = V V H
- 0 . 3 V
V VL H = V V L
+ 0 . 3 V
V VL L = V V L
- 0 . 3 V


Similar Part No. - KC73129UBA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KC73129UCA SAMSUNG-KC73129UCA Datasheet
249Kb / 20P
   1/3 INCH CCD IMAGE SENSOR FOR PAL CAMERA
More results

Similar Description - KC73129UBA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC73129MP SAMSUNG-KC73129MP Datasheet
209Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F429PX02 SAMSUNG-S5F429PX02 Datasheet
234Kb / 18P
   1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC74129B SAMSUNG-KC74129B Datasheet
234Kb / 18P
   1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
logo
Sony Corporation
ICX055AL SONY-ICX055AL Datasheet
350Kb / 17P
   1/3-inch CCD Image Sensor for CCIR B/W Camera
logo
A1 PROs co., Ltd.
AI329 A1PROS-AI329 Datasheet
62Kb / 8P
   1/3 inch CCD Image Sensor for CCIR B/W Camera
Ver1.0
logo
Sony Corporation
ICX027BLA SONY-ICX027BLA Datasheet
268Kb / 13P
   1/2 INCH CCD IMAGE SENSOR FOR CCIR B/W CAMERA
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
logo
Samsung semiconductor
KC73129UCA SAMSUNG-KC73129UCA Datasheet
249Kb / 20P
   1/3 INCH CCD IMAGE SENSOR FOR PAL CAMERA
KC73125MP SAMSUNG-KC73125MP Datasheet
207Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com