Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0494372411 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0494372411
Description  0.50mm (.020") Pitch Board-to-Board Shutter I/O Receptacle
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0494372411 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0494372411 Datasheet HTML 1Page - Molex Electronics Ltd. 0494372411 Datasheet HTML 2Page - Molex Electronics Ltd. 0494372411 Datasheet HTML 3Page - Molex Electronics Ltd. 0494372411 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
30V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-49437-001
Sales Drawing
SD-49437-001
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0494372411

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0494380417 MOLEX6-0494380417 Datasheet
179Kb / 4P
   Cartridge Pad Connector on Embossed Tape and Reel
0494390417 MOLEX6-0494390417 Datasheet
183Kb / 3P
   Cartridge Pad Connector Davinci Overmold
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com