Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

395340717 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 395340717
Description  5.08mm (.200") Pitch Eurostyle Horizontal Plug, with Retention Screws, 5 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395340717 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  395340717 Datasheet HTML 1Page - Molex Electronics Ltd. 395340717 Datasheet HTML 2Page - Molex Electronics Ltd. 395340717 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Dim. C
Dim. D
Circuit
size
None
10A
11A
None
10A
11A
None
10A
11A
None
10A
11A
mm
inch
mm
inch
mm
inch
mm
inch
2
395340002
395340102
395340202
395340502
395340602
395340702
395345002
395345102
395345202
395345502
395345602
395345702
10.16
0.400
5.08
0.200
15.08
0.594
19.96
0.786
3
395340003
395340103
395340203
395340503
395340603
395340703
395345003
395345103
395345203
395345503
395345603
395345703
15.24
0.600
10.16
0.400
20.16
0.794
25.04
0.986
4
395340004
395340104
395340204
395340504
395340604
395340704
395345004
395345104
395345204
395345504
395345604
395345704
20.32
0.800
15.24
0.600
25.24
0.994
30.12
1.186
5
395340005
395340105
395340205
395340505
395340605
395340705
395345005
395345105
395345205
395345505
395345605
395345705
25.40
1.000
20.32
0.800
30.32
1.194
35.20
1.386
6
395340006
395340106
395340206
395340506
395340606
395340706
395345006
395345106
395345206
395345506
395345606
395345706
30.48
1.200
25.40
1.000
35.40
1.394
40.28
1.586
7
395340007
395340107
395340207
395340507
395340607
395340707
395345007
395345107
395345207
395345507
395345607
395345707
35.56
1.400
30.48
1.200
40.48
1.594
45.36
1.786
8
395340008
395340108
395340208
395340508
395340608
395340708
395345008
395345108
395345208
395345508
395345608
395345708
40.64
1.600
35.56
1.400
45.56
1.794
50.44
1.986
9
395340009
395340109
395340209
395340509
395340609
395340709
395345009
395345109
395345209
395345509
395345609
395345709
45.72
1.800
40.64
1.600
50.64
1.994
55.52
2.186
10
395340010
395340110
395340210
395340510
395340610
395340710
395345010
395345110
395345210
395345510
395345610
395345710
50.80
2.000
45.72
1.800
55.72
2.194
60.60
2.386
11
395340011
395340111
395340211
395340511
395340611
395340711
395345011
395345111
395345211
395345511
395345611
395345711
55.88
2.200
50.80
2.000
60.80
2.394
65.68
2.586
12
395340012
395340112
395340212
395340512
395340612
395340712
395345012
395345112
395345212
395345512
395345612
395345712
60.96
2.400
55.88
2.200
65.88
2.594
70.76
2.786
13
395340013
395340113
395340213
395340513
395340613
395340713
395345013
395345113
395345213
395345513
395345613
395345713
66.04
2.600
60.96
2.400
70.96
2.794
75.84
2.986
14
395340014
395340114
395340214
395340514
395340614
395340714
395345014
395345114
395345214
395345514
395345614
395345714
71.12
2.800
66.04
2.600
76.04
2.994
80.92
3.186
15
395340015
395340115
395340215
395340515
395340615
395340715
395345015
395345115
395345215
395345515
395345615
395345715
76.20
3.000
71.12
2.800
81.12
3.194
86.00
3.386
16
395340016
395340116
395340216
395340516
395340616
395340716
395345016
395345116
395345216
395345516
395345616
395345716
81.28
3.200
76.20
3.000
86.20
3.394
91.08
3.586
17
395340017
395340117
395340217
395340517
395340617
395340717
395345017
395345117
395345217
395345517
395345617
395345717
86.36
3.400
81.28
3.200
91.28
3.594
96.16
3.786
18
395340018
395340118
395340218
395340518
395340618
395340718
395345018
395345118
395345218
395345518
395345618
395345718
91.44
3.600
86.36
3.400
96.36
3.794
101.24
3.986
19
395340019
395340119
395340219
395340519
395340619
395340719
395345019
395345119
395345219
395345519
395345619
395345719
96.52
3.800
91.44
3.600
101.44
3.994
106.32
4.186
20
395340020
395340120
395340220
395340520
395340620
395340720
395345020
395345120
395345220
395345520
395345620
395345720
101.60
4.000
96.52
3.800
106.52
4.194
111.40
4.386
21
395340021
395340121
395340221
395340521
395340621
395340721
395345021
395345121
395345221
395345521
395345621
395345721
106.68
4.200
101.60
4.000
111.60
4.394
116.48
4.586
22
395340022
395340122
395340222
395340522
395340622
395340722
395345022
395345122
395345222
395345522
395345622
395345722
111.76
4.400
106.68
4.200
116.68
4.594
121.56
4.786
23
395340023
395340123
395340223
395340523
395340623
395340723
395345023
395345123
395345223
395345523
395345623
395345723
116.84
4.600
111.76
4.400
121.76
4.794
126.64
4.986
24
395340024
395340124
395340224
395340524
395340624
395340724
395345024
395345124
395345224
395345524
395345624
395345724
121.92
4.800
116.84
4.600
126.84
4.994
131.72
5.186


Similar Part No. - 395340717

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395340002 MOLEX5-395340002 Datasheet
193Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 2 Circuits
395340003 MOLEX5-395340003 Datasheet
193Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 3 Circuits
395340004 MOLEX5-395340004 Datasheet
193Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 4 Circuits
395340006 MOLEX5-395340006 Datasheet
193Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 6 Circuits
395340007 MOLEX5-395340007 Datasheet
193Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 7 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com