Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

395033914 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 395033914
Description  3.50mm (.138") Pitch Eurostyle Vertical Plug, Front Wire Entry, 2 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395033914 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  395033914 Datasheet HTML 1Page - Molex Electronics Ltd. 395033914 Datasheet HTML 2Page - Molex Electronics Ltd. 395033914 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0395033002
Status:
Active
Description:
3.50mm (.138") Pitch Eurostyle™ Vertical Plug, Front Wire Entry, 2 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-39500-001 (PDF)
General
Product Family
Terminal Blocks
Series
39503
Application
Wire-to-Board
Comments
Front Wire Entry
Component Type
Plug
Product Literature Order No
USA-355
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
Physical
Circuits (Loaded)
2
Entry Angle
Horizontal
Lock to Mating Part
None
Number of Rows
1
Orientation
Vertical
Panel Mount
No
Pitch - Mating Interface (in)
0.138 In
Pitch - Mating Interface (mm)
3.50 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
16, 18, 20, 22, 24
Wire Size mm²
0.20 - 1.31
Electrical
Current - Maximum per Contact
8A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39503-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39503Series
Mates With
39501 Vertical PCB Header, 39502
Horizontal PCB Header, Most 3.50mm
(.138") Pitch Industry Standard PCB
Headers
This document was generated on 04/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 395033914

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395033003 MOLEX5-395033003 Datasheet
141Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 3 Circuits
395033004 MOLEX5-395033004 Datasheet
141Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 4 Circuits
395033005 MOLEX5-395033005 Datasheet
141Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 5 Circuits
395033006 MOLEX5-395033006 Datasheet
141Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 6 Circuits
395033008 MOLEX5-395033008 Datasheet
141Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Vertical Plug, Front Wire Entry, 8 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com