Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41791-0967 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 41791-0967
Description  3.96mm (.156") Pitch KK Solid Header, Vertical, Friction Lock, 16 Circuits, 0.38um (15關") Gold (Au) Selective Plating
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

41791-0967 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button 41791-0967 Datasheet HTML 3Page - Molex Electronics Ltd. 41791-0967 Datasheet HTML 4Page - Molex Electronics Ltd. 41791-0967 Datasheet HTML 5Page - Molex Electronics Ltd. 41791-0967 Datasheet HTML 6Page - Molex Electronics Ltd. 41791-0967 Datasheet HTML 7Page - Molex Electronics Ltd. 41791-0967 Datasheet HTML 8Page - Molex Electronics Ltd. 41791-0967 Datasheet HTML 9Page - Molex Electronics Ltd. 41791-0967 Datasheet HTML 10Page - Molex Electronics Ltd. 41791-0967 Datasheet HTML 11Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
41791
REV:
ECR/ECN INFORMATION
SHEET No.
EC NO.:
UCP2010-1453
P16
DATE:
2/2/2010
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK VERTICAL
SOLID BODY W/O PEGS
- 6 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41791
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41791-0892/0908
Group
A-41791-0922/0933
Group
41791-0934/0948
Group
41791-0966/0976
Header No:
41790-0002/0018
Header No:
41790-0007/0018
Header No:
41790-0004/0018
Header No:
41790-0007/0018
Pin No:
43294-0299
Pin No:
2161-94(102)
Pin No:
43294-0209
Pin No:
2161-94(102)
Plating:
208 – 15 GOLD
Plating:
102 – TIN
Plating:
208 – 15 GOLD
Plating:
102 – TIN
Pin Length L
20.83 / .820
Pin Length L
18.29 / .720
Pin Length L
18.29/. 720
Pin Length L
18.29/. 720
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43/. 450
Gold Loc G
6.83/. 270
Gold Loc G
N/A
Gold Loc G
6.86/ .270
Gold Loc G
N/A
PC Tail
P
6.10/ .240
PC Tail
P
3.56 / .140
PC Tail
P
3.56/. 140
PC Tail
P
3.56/. 140
Tin Loc
T
6.35/ .250
Tin Loc
T
OVERALL
Tin Loc
T
4.06/. 160
Tin Loc
T
OVERALL
Voided Ckts
NONE
Voided Ckts
5, 7
Voided Ckts
4
Voided Ckts
3, 7, 8
Pack Per
PK-41791-002
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Ckts
Item Number
Item Number
Item Number
Item Number
2
41791-0892
3
41791-0893
4
41791-0894
41791-0934
5
41791-0895
41791-0935
6
41791-0896
41791-0936
7
41791-0897
41791-0922
41791-0937
8
41791-0898
41791-0923
41791-0938
41791-0966
9
41791-0899
41791-0924
41791-0939
41791-0967
10
41791-0900
41791-0925
41791-0940
41791-0968
11
41791-0901
41791-0926
41791-0941
41791-0969
12
41791-0902
41791-0927
41791-0942
41791-0970
13
41791-0903
41791-0928
41791-0943
41791-0971
14
41791-0904
41791-0929
41791-0944
41791-0972
15
41791-0905
41791-0930
41791-0945
41791-0973
16
41791-0906
41791-0931
41791-0946
41791-0974
17
41791-0907
41791-0932
41791-0947
41791-0975
18
41791-0908
41791-0933
41791-0948
41791-0976


Similar Part No. - 41791-0967

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41791-0002 MOLEX11-41791-0002 Datasheet
68Kb / 2P
   KK짰 396 Header, Vertical, Friction Lock, 2 Circuits, Tin (Sn) Plating
41791-0003 MOLEX3-41791-0003 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK Solid Header, Vertical, Friction Lock, 3 Circuits, Tin (Sn) Plating
41791-0003 MOLEX11-41791-0003 Datasheet
59Kb / 2P
   KK짰 396 Header, Vertical, Friction Lock, 3 Circuits, Tin (Sn) Plating
41791-0004 MOLEX3-41791-0004 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK Solid Header, Vertical, Friction Lock, 4 Circuits, Tin (Sn) Plating
41791-0004 MOLEX11-41791-0004 Datasheet
59Kb / 2P
   KK짰 396 Header, Vertical, Friction Lock, 4 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com