Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0459714115 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0459714115
Description  1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Receptacle, 400 Circuits, 5.00mm (.196") Unmated Height, 10 Rows, With Pegs, Solder Charge??Lead Free
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0459714115 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0459714115 Datasheet HTML 1Page - Molex Electronics Ltd. 0459714115 Datasheet HTML 2Page - Molex Electronics Ltd. 0459714115 Datasheet HTML 3Page - Molex Electronics Ltd. 0459714115 Datasheet HTML 4Page - Molex Electronics Ltd. 0459714115 Datasheet HTML 5Page - Molex Electronics Ltd. 0459714115 Datasheet HTML 6Page - Molex Electronics Ltd. 0459714115 Datasheet HTML 7Page - Molex Electronics Ltd. 0459714115 Datasheet HTML 8Page - Molex Electronics Ltd. 0459714115 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0459714115
Status:
Active
Description:
1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Receptacle, 400 Circuits, 5.00mm
(.196") Unmated Height, 10 Rows, With Pegs, Solder Charge™ Lead Free
Documents:
3D Model
Product Specification PS-45970-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-45970-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
45971
Application
Board-to-Board
Product Name
SEARAY*
Physical
Circuits (Loaded)
400
Circuits (maximum)
400
Circuits Detail
400
Color - Resin
Black
Durability (mating cycles max)
100
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
10
Orientation
Vertical
PC Tail Length (in)
0.086 In
PC Tail Length (mm)
2.18 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Robotic Placement
Pick and Place Cap
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
45971Series
Mates With
45970 SEARAY* Plug


Similar Part No. - 0459714115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459714185 MOLEX6-0459714185 Datasheet
1Mb / 12P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Receptacle, 320 Circuits, 5.00mm (.196") Unmated Height, 8 Rows, With Pegs, Solder Charge?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com