Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0395372012 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0395372012
Description  5.08mm (.200") Pitch Eurostyle??Vertical Plug, with Retention Screws, Rear WireEntry, 12 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0395372012 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0395372012 Datasheet HTML 1Page - Molex Electronics Ltd. 0395372012 Datasheet HTML 2Page - Molex Electronics Ltd. 0395372012 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Dim C
Description
Circuit size
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
mm
inch
mm
inch
mm
inch
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
2
395372002 395372302 395372402 395372502 395372802 395372902 395377002 395377302 395377402 395377502 395377802 395377902
20.3
0.80
5.1
0.20
15.2
0.60
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
3
395372003 395372303 395372403 395372503 395372803 395372903 395377003 395377303 395377403 395377503 395377803 395377903
25.4
1.00
10.2
0.40
20.3
0.80
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
4
395372004 395372304 395372404 395372504 395372804 395372904 395377004 395377304 395377404 395377504 395377804 395377904
30.5
1.20
15.2
0.60
25.4
1.00
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
5
395372005 395372305 395372405 395372505 395372805 395372905 395377005 395377305 395377405 395377505 395377805 395377905
35.6
1.40
20.3
0.80
30.5
1.20
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
6
395372006 395372306 395372406 395372506 395372806 395372906 395377006 395377306 395377406 395377506 395377806 395377906
40.6
1.60
25.4
1.00
35.6
1.40
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
7
395372007 395372307 395372407 395372507 395372807 395372907 395377007 395377307 395377407 395377507 395377807 395377907
45.7
1.80
30.5
1.20
40.6
1.60
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
8
395372008 395372308 395372408 395372508 395372808 395372908 395377008 395377308 395377408 395377508 395377808 395377908
50.8
2.00
35.6
1.40
45.7
1.80
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
9
395372009 395372309 395372409 395372509 395372809 395372909 395377009 395377309 395377409 395377509 395377809 395377909
55.9
2.20
40.6
1.60
50.8
2.00
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
10
395372010 395372310 395372410 395372510 395372810 395372910 395377010 395377310 395377410 395377510 395377810 395377910
61.0
2.40
45.7
1.80
55.9
2.20
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
11
395372011 395372311 395372411 395372511 395372811 395372911 395377011 395377311 395377411 395377511 395377811 395377911
66.0
2.60
50.8
2.00
61.0
2.40
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
12
395372012 395372312 395372412 395372512 395372812 395372912 395377012 395377312 395377412 395377512 395377812 395377912
71.1
2.80
55.9
2.20
66.0
2.60
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
13
395372013 395372313 395372413 395372513 395372813 395372913 395377013 395377313 395377413 395377513 395377813 395377913
76.2
3.00
61.0
2.40
71.1
2.80
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
14
395372014 395372314 395372414 395372514 395372814 395372914 395377014 395377314 395377414 395377514 395377814 395377914
81.3
3.20
66.0
2.60
76.2
3.00
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
15
395372015 395372315 395372415 395372515 395372815 395372915 395377015 395377315 395377415 395377515 395377815 395377915
86.4
3.40
71.1
2.80
81.3
3.20
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
16
395372016 395372316 395372416 395372516 395372816 395372916 395377016 395377316 395377416 395377516 395377816 395377916
91.4
3.60
76.2
3.00
86.4
3.40
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
17
395372017 395372317 395372417 395372517 395372817 395372917 395377017 395377317 395377417 395377517 395377817 395377917
96.5
3.80
81.3
3.20
91.4
3.60
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
18
395372018 395372318 395372418 395372518 395372818 395372918 395377018 395377318 395377418 395377518 395377818 395377918
101.6
4.00
86.4
3.40
96.5
3.80
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
19
395372019 395372319 395372419 395372519 395372819 395372919 395377019 395377319 395377419 395377519 395377819 395377919
106.7
4.20
91.4
3.60
101.6
4.00
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
20
395372020 395372320 395372420 395372520 395372820 395372920 395377020 395377320 395377420 395377520 395377820 395377920
111.8
4.40
96.5
3.80
106.7
4.20
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
21
395372021 395372321 395372421 395372521 395372821 395372921 395377021 395377321 395377421 395377521 395377821 395377921
116.8
4.60
101.6
4.00
111.8
4.40
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
22
395372022 395372322 395372422 395372522 395372822 395372922 395377022 395377322 395377422 395377522 395377822 395377922
121.9
4.80
106.7
4.20
116.8
4.60
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
23
395372023 395372323 395372423 395372523 395372823 395372923 395377023 395377323 395377423 395377523 395377823 395377923
127.0
5.00
111.8
4.40
121.9
4.80
5.08mm, Euro Plug, Vertical FWE, Mounting Ends
24
395372024 395372324 395372424 395372524 395372824 395372924 395377024 395377324 395377424 395377524 395377824 395377924
132.1
5.20
116.8
4.60
127.0
5.00


Similar Part No. - 0395372012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395372010 MOLEX5-0395372010 Datasheet
179Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Vertical Plug, with Retention Screws, Rear Wire Entry, 10 Circuits
0395372011 MOLEX11-0395372011 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395372013 MOLEX11-0395372013 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395372014 MOLEX11-0395372014 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395372015 MOLEX11-0395372015 Datasheet
2Mb / 8P
   Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com