Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

36644-007 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 36644-007
Description  2.13mm (.084") Diameter MLX??Pin and Socket Receptacle, 12 Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

36644-007 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  36644-007 Datasheet HTML 1Page - Molex Electronics Ltd. 36644-007 Datasheet HTML 2Page - Molex Electronics Ltd. 36644-007 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0366440007
Status:
Active
Overview:
mlx
Description:
2.13mm (.084") Diameter MLX™ Pin and Socket Receptacle, 12 Circuit, PA Polyamide
Nylon 6/6 94V-2, Glow Wire Compatible
Documents:
3D Model
Product Specification PS-42022-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
36644
Overview
mlx
Product Name
MLX™
Physical
Circuits (maximum)
12
Circuits Detail
12
Color - Resin
Natural
Gender
Female
Glow-Wire Compliant
Yes
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
4
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.250 In
Pitch - Mating Interface (mm)
6.35 mm
Pitch - Term. Interface (in)
0.250 In
Pitch - Term. Interface (mm)
6.35 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-55°C to +105°C
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-42022-**
Product Specification
PS-42022-0001
Sales Drawing
SD-42022-**
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
36644Series
Mates With
42021 MLX™ Power Crimp Housing Plug
Use With
MLX Crimp Terminal 42023 , 42024
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 36644-007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
36644-0001 MOLEX11-36644-0001 Datasheet
39Kb / 2P
   2.13mm Diameter MLX Pin and Socket Receptacle
36644-0002 MOLEX11-36644-0002 Datasheet
39Kb / 2P
   2.13mm Diameter MLX Pin and Socket Receptacle
36644-0003 MOLEX11-36644-0003 Datasheet
39Kb / 2P
   2.13mm Diameter MLX Pin and Socket Receptacle
36644-0004 MOLEX11-36644-0004 Datasheet
39Kb / 2P
   2.13mm Diameter MLX Pin and Socket Receptacle
36644-0005 MOLEX11-36644-0005 Datasheet
39Kb / 2P
   2.13mm Diameter MLX Pin and Socket Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com